Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF69 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 71Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
RF69
Page 67
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
-----
-----------------
6.4. Receiver Registers
Table 26 Receiver Registers
Name
(Address)
Bits
Variable Name
Mode
Default
Value
Description
Reserved14
(0x14)
7-0
-
r
0x40
unused
Reserved15
(0x15)
7-0
-
r
0xB0
unused
Reserved16
(0x16)
7-0
-
r
0x7B
unused
Reserved17
(0x17)
7-0
-
r
0x9B
unused
RegLna
(0x18)
7
LnaZin
rw
1
*
LNA
‟ s input impedance
0 → 50 ohms
1 → 200 ohms
6
-
r
0
unused
5-3
LnaCurrentGain
r
001
Current LNA gain, set either manually, or by the AGC
2-0
LnaGainSelect
rw
000
LNA gain setting:
000 → gain set by the internal AGC loop
001 → G1 = highest gain
010 → G2 = highest gain
– 6 dB
011 → G3 = highest gain
– 12 dB
100 → G4 = highest gain
– 24 dB
101 → G5 = highest gain
– 36 dB
110 → G6 = highest gain
– 48 dB
111 → reserved
RegRxBw
(0x19)
7-5
DccFreq
rw
010
*
Cut-off frequency of the DC offset canceller (DCC):
~4% of the RxBw by default
4-3
RxBwMant
rw
10
*
Channel filter bandwidth control:
00 → RxBwMant = 16
10 → RxBwMant = 24
01 → RxBwMant = 20
11 → reserved
2-0
RxBwExp
rw
101
*
Channel filter bandwidth control:
FSK Mode:
RxBw = -----------------------
FXOSC
---------------------
---------------------
RxBwMant 2
Rx B wE x p + 2
OOK Mode:
RxBw = -----------------------
FXOSC
---------------------
---------------------
RxBwMant  2
Rx BwE x p +
3
See Table 14 for tabulated values
RegAfcBw
(0x1A)
7-5
DccFreqAfc
rw
100
DccFreq parameter used during the AFC
4-3
RxBwMantAfc
rw
01
RxBwMant parameter used during the AFC
2-0
RxBwExpAfc
rw
011 *
RxBwExp parameter used during the AFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com