Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF69 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 73Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 74Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 75Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 76Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 77Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 78Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 79Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 80Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 81Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
RF69
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
C2
22 pF
18 pF
8.2 pF
8.2 pF
COG
C3
68 pF
33 pF
22 pF
22 pF
C4
-
2.7 pF
-
-
C5
22 pF
15 pF
6.8 pF
6.8 pF
C6
-
-
-
-
C7
12 pF
8.2 pF
3.3 pF
3.3 pF
C14
-
-
5.6 pF
5.6 pF
C15
12 pF
12 pF
6.8 nH
(2)
5.6 nH
(2)
Notes
- (1) Inductor values may change when using multilayer type components
- (2) An additional DC-cut capacitor (typ. 47pF) might be required with this matching topology and certain RF
switches
- In very cost-sensitive and/or size-constrained applications where it is acceptable to degrade the receiver
sensitivity by approximately 2 dB, L5 and C14 can be omitted
Page 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com