Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF69 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
RF69
Page 60
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6. Configuration and Status Registers
6.1. General Description
Table 23 Registers Summary
Address
Register Name
Reset
(built-in)
Default
(recom
mended)
Description
0x00
RegFifo
0x00
FIFO read/write access
0x01
RegOpMode
0x04
Operating modes of the transceiver
0x02
RegDataModul
0x00
Data operation mode and Modulation settings
0x03
RegBitrateMsb
0x1A
Bit Rate setting, Most Significant Bits
0x04
RegBitrateLsb
0x0B
Bit Rate setting, Least Significant Bits
0x05
RegFdevMsb
0x00
Frequency Deviation setting, Most Significant Bits
0x06
RegFdevLsb
0x52
Frequency Deviation setting, Least Significant Bits
0x07
RegFrfMsb
0xE4
RF Carrier Frequency, Most Significant Bits
0x08
RegFrfMid
0xC0
RF Carrier Frequency, Intermediate Bits
0x09
RegFrfLsb
0x00
RF Carrier Frequency, Least Significant Bits
0x0A
RegOsc1
0x41
RC Oscillators Settings
0x0B
RegAfcCtrl
0x00
AFC control in low modulation index situations
0x0C
Reserved0C
0x02
-
0x0D
RegListen1
0x92
Listen Mode settings
0x0E
RegListen2
0xF5
Listen Mode Idle duration
0x0F
RegListen3
0x20
Listen Mode Rx duration
0x10
RegVersion
0x24
0x11
RegPaLevel
0x9F
PA selection and Output Power control
0x12
RegPaRamp
0x09
Control of the PA ramp time in FSK mode
0x13
RegOcp
0x1A
Over Current Protection control
0x14
Reserved14
0x40
-
0x15
Reserved15
0xB0
-
0x16
Reserved16
0x7B
-
0x17
Reserved17
0x9B
-
0x18
RegLna
0x08
0x88
LNA settings
0x19
RegRxBw
0x86
0x55
Channel Filter BW Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com