| Electronic Components Datasheet Search |
|
RF69 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RF69 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers |
|
57 / 81 page ![]() RF69 Page 56 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com 5.5.6. Handling Large Packets When Payload length exceeds FIFO size (66 bytes) whether in fixed, variable or unlimited length packet format, in addition to PacketSent in Tx and PayloadReady or CrcOk in Rx, the FIFO interrupts/flags can be used as described below: For Tx: FIFO can be prefilled in Sleep/Standby but must be refilled "on-the-fly" during Tx with the rest of the payload. 1) Prefill FIFO (in Sleep/Standby first or directly in Tx mode) until FifoThreshold or FifoFull is set 2) In Tx, wait for FifoThreshold or FifoNotEmpty to be cleared (i.e. FIFO is nearly empty) 3) Write bytes into the FIFO until FifoThreshold or FifoFull is set. 4) Continue to step 2 until the entire message has been written to the FIFO (PacketSent will fire when the last bit of the packet has been sent). For Rx: FIFO must be unfilled "on-the-fly" during Rx to prevent FIFO overrun. 1) Start reading bytes from the FIFO when FifoNotEmpty or FifoThreshold becomes set. 2) Suspend reading from the FIFO if FifoNotEmpty clears before all bytes of the message have been read 3) Continue to step 1 until PayloadReady or CrcOk fires 4) Read all remaining bytes from the FIFO either in Rx or Sleep/Standby mode Note AES encryption is not feasible on large packets, since all Payload bytes need to be in the FIFO at the same time to perform encryption 5.5.7. Packet Filtering RF69's packet handler offers several mechanisms for packet filtering, ensuring that only useful packets are made available to the uC, reducing significantly system power consumption and software complexity. 5.5.7.1. Sync Word Based Sync word filtering/recognition is used for identifying the start of the payload and also for network identification. As previously described, the Sync word recognition block is configured (size, error tolerance, value) in RegSyncValue registers. This information is used, both for appending Sync word in Tx, and filtering packets in Rx. Every received packet which does not start with this locally configured Sync word is automatically discarded and no interrupt is generated. When the Sync word is detected, payload reception automatically starts and SyncAddressMatch is asserted. Note Sync Word values containing 0x00 byte(s) are forbidden |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |