Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF69 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 27Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 28Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
RF69
Page 25
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Table 13 Receiver Performance Summary
Input Power
Pin
Gain
Setting
Receiver Performance (typ)
P-1dB
[dBm]
NF
[dB]
IIP3
[dBm]
IIP2
[dBm]
Pin < AgcThresh1
G1
-37
7
-18
+35
AgcThresh1 < Pin < AgcThresh2
G2
-31
13
-15
+40
AgcThresh2 < Pin < AgcThresh3
G3
-26
18
-8
+48
AgcThresh3 < Pin < AgcThresh4
G4
-14
27
-1
+62
AgcThresh4 < Pin < AgcThresh5
G5
>-6
36
+13
+68
AgcThresh5 < Pin
G6
>0
44
+20
+75
3.4.3.1. RssiThreshold Setting
For correct operation of the AGC, RssiThreshold in RegRssiThresh must be set to the sensitivity of the receiver. The
receiver will remain in WAIT mode until RssiThreshold is exceeded.
Note
When AFC is enabled and performed automatically at the receiver startup, the channel filter used by the receiver
during the AFC and the AGC is RxBwAfc instead of the standard RxBw setting. This may impact the sensitivity of
the receiver, and the setting of RssiThreshold accordingly
3.4.3.2. AGC Reference
The AGC reference level is automatically computed in the RF69, according to:
AGC Reference [dBm] = -174 + NF + DemodSnr +10.log(2*RxBw) + FadingMargin [dBm]
With:
 NF = 7dB
: LNA
‟ s Noise Figure at maximum gain
 DemodSnr = 8 dB
: SNR needed by the demodulator
 RxBw
: Single sideband channel filter bandwidth
 FadingMargin = 5 dB : Fading margin
3.4.4. Continuous-Time DAGC
In addition to the automatic gain control described in section 3.4.3, the RF69 is capable of continuously adjusting its gain
in the digital domain, after the analog to digital conversion has occured. This feature, named DAGC, is fully transparent to
the end user. The digital gain adjustment is repeated every 2 bits, and has the following benefits:
 Fully transparent to the end user
 Improves the fading margin of the receiver during the reception of a packet, even if the gain of the LNA is frozen
 Improves the receiver robustness in fast fading signal conditions, by quickly adjusting the receiver gain (every 2 bits)
 Works in Continuous, Packet, and unlimited length Packet modes
The DAGC is enabled by setting RegTestDagc to 0x20 for low modulation index systems (i.e. when AfcLowBetaOn=1,
refer to section 3.4.16), and 0x30 for other systems. It is recommended to always enable the DAGC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com