Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF69 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 71Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 72Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 73Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
RF69
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6.5. IRQ and Pin Mapping Registers
Table 27 IRQ and Pin Mapping Registers
Name
(Address)
Bits
Variable Name
Mode
Default
Value
Description
RegDioMapping1
(0x25)
7-6
Dio0Mapping
rw
00
Mapping of pins DIO0 to DIO5
See Table 21 for mapping in Continuous mode
See Table 22 for mapping in Packet mode
5-4
Dio1Mapping
rw
00
3-2
Dio2Mapping
rw
00
1-0
Dio3Mapping
rw
00
RegDioMapping2
(0x26)
7-6
Dio4Mapping
rw
00
5-4
Dio5Mapping
rw
00
3
-
r
0
unused
2-0
ClkOut
rw
111
*
Selects CLKOUT frequency:
000 → FXOSC
001 → FXOSC / 2
010 → FXOSC / 4
011 → FXOSC / 8
100 → FXOSC / 16
101 → FXOSC / 32
110 → RC (automatically enabled)
111 → OFF
RegIrqFlags1
(0x27)
7
ModeReady
r
1
Set when the operation mode requested in Mode, is ready
- Sleep: Entering Sleep mode
- Standby: XO is running
- FS: PLL is locked
- Rx: RSSI sampling starts
- Tx: PA ramp-up completed
Cleared when changing operating mode.
6
RxReady
r
0
Set in Rx mode, after RSSI, AGC and AFC.
Cleared when leaving Rx.
5
TxReady
r
0
Set in Tx mode, after PA ramp-up.
Cleared when leaving Tx.
4
PllLock
r
0
Set (in FS, Rx or Tx) when the PLL is locked.
Cleared when it is not.
3
Rssi
rwc
0
Set in Rx when the RssiValue exceeds RssiThreshold.
Cleared when leaving Rx.
2
Timeout
r
0
Set when a timeout occurs (see TimeoutRxStart and
TimeoutRssiThresh)
Cleared when leaving Rx or FIFO is emptied.
1
AutoMode
r
0
Set when entering Intermediate mode.
Cleared when exiting Intermediate mode.
Please note that in Sleep mode a small delay can be
observed between AutoMode interrupt and the
corresponding enter/exit condition.
0
SyncAddressMatch
r/rwc
0
Set when Sync and Address (if enabled) are detected.
Cleared when leaving Rx or FIFO is emptied.
This bit is read only in Packet mode, rwc in Continuous
mode
Page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com