Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF69 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 81 page
background image
RF69
Page 14
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
IIP3
3rd order Input Intercept point
Unwanted tones are 1MHz and
1.995 MHz above the LO
Lowest LNA gain
Highest LNA gain
-
-23
+20
-18
-
-
dBm
dBm
BW_SSB
Single Side channel filter BW
Programmable
2.6
-
500
kHz
IMR_OOK
Image rejection in OOK mode
Wanted signal level = -106 dBm
27
30
-
dB
TS_RE
Receiver wake-up time, from PLL
locked state to RxReady
RxBw = 10 kHz, BR = 4.8 kb/s
RxBw = 200 kHz, BR = 100 kb/s
-
-
1.7
96
-
-
ms
us
TS_RE_AGC
Receiver wake-up time, from PLL
locked state, AGC enabled
RxBw = 10 kHz, BR = 4.8 kb/s
RxBw = 200 kHz, BR = 100 kb/s
-
3.0
163
ms
us
TS_RE_AGC
&AFC
Receiver wake-up time, from PLL
lock state, AGC and AFC enabled
RxBw = 10 kHz, BR = 4.8 kb/s
RxBw = 200 kHz, BR = 100 kb/s
4.8
265
ms
us
TS_FEI
FEI sampling time
Receiver is ready
-
4.Tbit
-
-
TS_AFC
AFC Response Time
Receiver is ready
-
4.Tbit
-
-
TS_RSSI
RSSI Response Time
Receiver is ready
-
2.Tbit
-
-
DR_RSSI
RSSI Dynamic Range
AGC enabled
Min
Max
-
-
-115
0
-
-
dBm
dBm
*
Set SensitivityBoost in RegTestLna to 0x2D to reduce the noise floor in the receiver
2.4.4. Transmitter
Table 7
Transmitter Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
RF_OP
RF output power in 50 ohms
On RFIO pin
Programmable with 1dB steps
Max
Min
-
-
+13
-18
-
-
dBm
dBm
RF_OPH
Max RF output power, on
PA_BOOST pin
With external match to 50 ohms
-
+20
-
dBm
ΔRF_OP
RF output power stability
From VDD=2.4V to 3.6V
-
+/-0.3
-
dB
PHN
Transmitter Phase Noise
50 kHz Offset from carrier
868 / 915 MHz bands
434 / 315 MHz bands
-
-
-95
-99
-
-
dBc/
Hz
ACP
Transmitter adjacent channel
power (measured at 25 kHz off-
set)
BT=0.5 . Measurement conditions as
defined by EN 300 220-1 V2.1.1
-
-
-37
dBm
TS_TR
Transmitter wake up time, to the
first rising edge of DCLK
Frequency Synthesizer enabled,
PaRamp = 10 us, BR = 4.8 kb/s.
-
120
-
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com