Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF69 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 38Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
RF69
Page 35
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
4. Operating Modes
4.1. Basic Modes
The circuit can be set in 5 different basic modes which are described in Table 16.
By default, when switching from a mode to another one, the sub-blocks are woken up according to a pre-defined and
optimized sequence. Alternatively, these operating modes can be selected directly by disabling the automatic sequencer
(SequencerOff in RegOpMode = 1).
Table 16 Basic Transceiver Modes
ListenOn
in RegOpMode
Mode
in RegOpMode
Selected mode
Enabled blocks
0
0 0 0
Sleep Mode
None
0
0 0 1
Stand-by Mode
Top regulator and crystal oscillator
0
0 1 0
FS Mode
Frequency synthesizer
0
0 1 1
Transmit Mode
Frequency synthesizer and transmitter
0
1 0 0
Receive Mode
Frequency synthesizer and receiver
1
x
Listen Mode
See Listen Mode, section 4.3
4.2. Automatic Sequencer and Wake-Up Times
By default, when switching from one operating mode to another, the circuit takes care of the sequence of events in such a
way that the transition timing is optimized. For example, when switching from Sleep mode to Transmit mode, the RF69 goes
first to Standby mode (XO started), then to frequency synthesizer mode, and finally, when the PLL has locked, to
transmit mode. Entering transmit mode is also made according to a predefined sequence starting with the wake-up of the
PA regulator before applying a ramp-up on the PA and generating the DCLK clock.
 The crystal oscillator wake-up time, TS_OSC, is directly related to the time for the crystal oscillator to reach its steady
state. It depends notably on the crystal characteristics.
 The frequency synthesizer wake-up time, TS_FS, is directly related to the time needed by the PLL to reach its steady
state. The signal PLL_LOCK, provided on an external pin, gives an indication of the lock status. It goes high when the
PLL reaches its locking range.
Four specific cases can be highlighted:
Transmitter Wake Up time from Sleep mode
= TS_OSC + TS_FS + TS_TR
Receiver Wake Up time from Sleep mode
= TS_OSC + TS_FS + TS_RE
Receiver Wake Up time from Sleep mode, AGC enabled
= TS_OSC + TS_FS + TS_RE_AGC
Receiver Wake Up time from Sleep mode, AGC and AFC enabled
= TS_OSC + TS_FS + TS_RE_AGC&AFC
These timings are detailed in sections 4.2.1 and 4.2.3.
In applications where the target average power consumption, or the target startup time, do not require setting the RF69 in
the lowest power modes (Sleep or Standby), the respective timings TS_OSC and TS_FS in the former equations can be
omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com