Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF69 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 27Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
RF69
Page 24
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
3.4.3. Automatic Gain Control
By default (LnaGainSelect = 000), the LNA gain is controlled by a digital AGC loop in order to obtain the optimal sensitivity/
linearity trade-off.
Regardless of the data transfer mode (Packet or Continuous), the following series of events takes place when the receiver
is enabled:
 The receiver stays in WAIT mode, until RssiValue exceeds RssiThreshold for two consecutive samples. Its power
consumption is the receiver power consumption.
 When this condition is satisfied, the receiver automatically selects the most suitable LNA gain, optimizing the
sensitivity/linearity trade-off.
 The programmed LNA gain, read-accessible with LnaCurrentGain in RegLna, is carried on for the whole duration of the
packet, until one of the following conditions is fulfilled:
 Packet mode: if AutoRxRestartOn = 0, the LNA gain will remain the same for the reception of the following packet. If
AutoRxRestartOn = 1, after the controller has emptied the FIFO the receiver will re-enter the WAIT mode described
above, after a delay of InterPacketRxDelay, allowing for the distant transmitter to ramp down, hence avoiding a false
RSSI detection. In both cases (AutoRxRestartOn=0 or AutoRxRestartOn=1), the receiver can also re-enter the W AIT
mode by setting RestartRx bit to 1. The user can decide to do so, to manually launch a new AGC procedure.
 Continuous mode: upon reception of valid data, the user can decide to either leave the receiver enabled with the
same LNA gain, or to restart the procedure, by setting RestartRx bit to 1, resuming the WAIT mode of the receiver,
described above.
Notes - the AGC procedure must be performed while receiving preamble in FSK mode
- in OOK mode, the AGC will give better results if performed while receiving a constant
“1” sequence
The following figure illustrates the AGC behavior:
Towards
-125 dBm
16dB
7dB
11dB
9dB
11dB
Pin [dBm]
G1
G2
G3
G4
G5
G6
Higher Sensitivity
Lower Linearity
Lower Noise Figure
Lower Sensitivity
Higher Linearity
Higher Noise Figure
Figure 8. AGC Thresholds Settings
The following table summarizes the performance (typical figures) of the complete receiver:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com