Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF69 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
RF69
Page 55
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
As shown in Figure 33 and Figure 34 above the message part of the Packet can be encrypted and decrypted with the
cipher 128- cipher key stored in the configuration registers.
5.5.5.1. Tx Processing
1. User enters the data to be transmitted in FIFO in Stdby/Sleep mode and gives the transmit command.
2. On Tx command the Packet handler state machine takes over the control and If encryption is enabled then the
message inside the FIFO is read in blocks of 16 bytes (padded with 0s if needed), encrypted and stored back to FIFO.
All this processing is done in Tx mode before enabling the packet handling state machine. Only the Message part of the
packet is encrypted and preamble, sync word, length byte, address byte and CRC are not encrypted.
3. Once the encryption is done the Packet handling state machine is enabled to transmit the data.
5.5.5.2. Rx Processing
1. The data received is stored in the FIFO, The address, CRC interrupts are generated as usual because these
parameters were not encrypted.
2. Once the complete packet has been received. The data is read from the FIFO, decrypted and written back to FIFO.
The PayloadReady interrupt is issued once the decrypted data is ready in the FIFO for reading via the SPI interface.
The AES encryption/decryption cannot be used on the fly i.e. while transmitting and receiving data. Thus when AES
encryption/decryption is enabled, the FIFO acts as a simple buffer. This buffer is filled before initiating any transmission.
The data in the buffer is then encrypted before the transmission can begin. On the receive side the decryption is initiated
only once the complete packet has been received in the buffer.
The encryption/decryption process takes approximately 7.0 us per 16-byte block. Thus for a maximum of 4 blocks (i.e. 64
bytes) it can take up to 28 us for completing the cryptographic operations.
The receive side sees the AES decryption time as a sequential delay before the PayloadReady interrupt is available.
The Tx side sees the AES encryption time as a sequential delay in the startup of the Tx chain, thus the startup time of the
Tx will increase according to the length of data.
In Fixed length mode the Message part of the payload that can be encrypted/decrypted can be 64 bytes long. If the
address filtering is enabled, the length of the payload should be at max 65 bytes in this case.
In Variable length mode the Max message size that can be encrypted/decrypted is also 64 bytes when address filtering is
disabled, else it is 48 bytes. Thus, including length byte, the length of the payload is max 65 or 50 bytes (the latter when
address filtering is enabled).
If the address filtering is expected then AddressFiltering must be enabled on the transmitter side as well to prevent address
byte to be encrypted.
Crc check being performed on encrypted data, CrcOk interrupt will occur "decryption time" before PayloadReady interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com