Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 110Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 111Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 112Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 113Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 114Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 115Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 116Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 117Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 200 page
background image
PIC16C77X
DS30275A-page 114
Advance Information
© 1999 Microchip Technology Inc.
FIGURE 10-2: REFCON: VOLTAGE REFERENCE CONTROL REGISTER
10.1
Bandgap Voltage Reference
The bandgap module generates a stable voltage refer-
ence of 1.22V over a range of temperatures and device
supply voltages. This module is enabled anytime any of
the following are enabled:
• Brown-out Reset
• Low-voltage Detect
• Either of the internal analog references (VRH,
VRL)
Whenever the above are all disabled, the bandgap
module is disabled and draws no current.
10.2
Internal VREF for A/D Converter
The bandgap output voltage is used to generate two
stable references for the A/D converter module. These
references are enabled in software to provide the user
with the means to turn them on and off in order to min-
imize current consumption. Each reference can be indi-
vidually enabled.
The 4.096V reference (VRH) is enabled with control bit
VRHEN (REFCON<7>). When this bit is set, the gain
amplifier is enabled. After a specified start-up time a
stable reference of 4.096V is generated and can be
used by the A/D converter as the VRH input.
The 2.048V reference (VRL) is enabled by setting con-
trol bit VRLEN (REFCON<6>). When this bit is set, the
gain amplifier is enabled. After a specified start up time
a stable reference of 2.048V is generated and can be
used by the A/D converter as the VRL input.
Each voltage reference can source/sink up to 5 mA of
current.
Each reference, if enabled, can be presented on an
external pin by setting the VRHOEN (high reference
output enable) or VRLOEN (low reference output
enable) control bit. If the reference is not enabled, the
VRHOEN and VRLOEN bits will have no effect on the
corresponding pin. The device specific pin can then be
used as general purpose I/O.
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
VRHEN
VRLEN
VRHOEN
VRLOEN
—
—
—
—
R = Readable bit
W = Writable bit
U = Unimplemented
bit, read as ‘0’
- n =Value at POR
reset
bit7
bit0
bit 7:
VRHEN: Voltage Reference High Enable bit (VRH = 4.096V)
1 = Enabled, powers up reference generator
0 = Disabled, powers down reference generator if unused by LVD, BOR, or VRL
bit 6:
VRLEN: Voltage Reference Low Enable bit (VRL = 2.048V)
1 = Enabled, powers up reference generator
0 = Disabled, powers down reference generator if unused by LVD, BOR, or VRH
bit 5:
VRHOEN: High Voltage Reference Output Enable bit
1 = Enabled, VRH analog reference is presented on RA3 if enabled (VRHEN = 1)
0 = Disabled, analog reference is used internally only
bit 4:
VRLOEN: Low Voltage Reference Output Enable bit
1 = Enabled, VRL analog reference is presented on RA2 if enabled (VRLEN = 1)
0 = Disabled, analog reference is used internally only
bit 3-0: Unimplemented: Read as '0’
Note:
If VRH or VRL is enabled and the other ref-
erence (VRL or VRH), the BOR, and the
LVD modules are not enabled, the band-
gap will require a start-up time of no more
than 50
µs before the bandgap reference is
stable. Before using the internal VRH or
VRL reference, ensure that the bandgap
reference voltage is stable by monitoring
the BGST bit in the LVDCON register. The
voltage references will not be reliable until
the bandgap is stable as shown by BGST
being set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com