Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 114Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 115Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 116Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 117Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 118Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 119Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 120Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 121Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 200 page
background image
PIC16C77X
DS30275A-page 118
Advance Information
© 1999 Microchip Technology Inc.
FIGURE 11-2: ADCON1 REGISTER (ADDRESS 9Fh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADFM
VCFG2
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
R =
Readable bit
W =
Writable bit
U =
Unimplemented bit, read as ‘0’
- n =
Value at POR reset
bit7
bit 0
bit 7:
ADFM: A/D Result Format Select bit
1 = Right justified
0 = Left justified
bit 6:4
VCFG2:VCFG0: Voltage reference configuration bits
bit 3:0
PCFG3:PCFG0: A/D Port Configuration bits(1)
Note 1:
Selection of an unimplemented channel produces a result of 0xFFFFFF.
A/D VREFH
A/D VREFL
000
AVDD
AVSS
001
External VREF+
External VREF-
010
Internal VRH
Internal VRL
011
External VREF+AVSS
100
Internal VRH
AVSS
101
AVDD
External VREF-
110
AVDD
Internal VRL
111
Internal VRL
AVSS
AN9
AN8
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
0000
AAAAAAAAAA
0001
AAAAAAAAAA
0010
AAAAAAAAAA
0011
AAAAAAAAAA
0100
AAAAAAAAAA
0101
AAAAAAAAAA
0110
D
AAAAAAAAA
0111
D
D
AAAAAAAA
1000
D
D
D
AAAAAAA
1001
DDDD
AAAAAA
1010
DDDDD
AAAAA
1011
DDDDDD
AAAA
1100
DDDDDDD
A
A
A
1101
DDDDDDDD
A
A
1110
DDDDDDDDD
A
1111
DDDDDDDDDD
A = Analog input D= Digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com