Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 153Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 154Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 155Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 156Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 157Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 158Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 159Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 160Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 157
FIGURE 15-1: LOW-VOLTAGE DETECT CHARACTERISTICS
TABLE 15-3
ELECTRICAL CHARACTERISTICS: LVD
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial and
0°C
≤ TA ≤ +70°C for commercial
Operating voltage VDD range as described in DC spec Section 15.1 and Section 15.2.
Param
No.
Characteristic
Symbol
Min
Typ†
Max
Units
Conditions
D420
LVD Voltage
LVV = 0100
2.5
2.58
2.66
V
LVV = 0101
2.7
2.78
2.86
V
LVV = 0110
2.8
2.89
2.98
V
LVV = 0111
3.0
3.1
3.2
V
LVV = 1000
3.3
3.41
3.52
V
LVV = 1001
3.5
3.61
3.72
V
LVV = 1010
3.6
3.72
3.84
V
LVV = 1011
3.8
3.92
4.04
V
LVV = 1100
4.0
4.13
4.26
V
LVV = 1101
4.2
4.33
4.46
V
LVV = 1110
4.5
4.64
4.78
V
D421
Supply Current
∆ILVD
—
10
20
µA
D422*
LVD Voltage Drift Temperature
coefficient
TCVOUT
—
15
50
ppm/°C
D423*
LVD Voltage Drift with respect to
VDD Regulation
∆VLVD/
∆VDD
——
50
µV/V
D424*
Low-voltage Detect Hysteresis
VLHYS
TBD
—100
mV
*
These parameters are characterized but not tested.
Note 1: Production tested at Tamb = 25°C. Specifications over temp limits ensured by characterization.
VLVD
VLHYS
LVDIF
VDD
(LVDIF set by hardware)
(LVDIF can be cleared in software anytime during
the gray area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com