Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 149Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 150Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 151Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 152Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 153Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 154Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 155Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 156Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 153
15.2
DC Characteristics:PIC16LC77X-04 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial and
0°C
≤ TA ≤ +70°C for commercial
Param
No.
Characteristic
Sym
Min
Typ† Max Units
Conditions
D001
Supply Voltage
VDD
2.5
—
5.5
V
LP, XT, RC osc configuration (DC - 4
MHz)
D002*
RAM Data Retention
Voltage (Note 1)
VDR
—
1.5
—V
D003
VDD start voltage to
ensure internal Power-on
Reset signal
VPOR
—VSS
—
V
See section on Power-on Reset for
details
D004*
VDD rise rate to ensure
internal Power-on Reset
signal
SVDD
0.05
—
—
V/ms See section on Power-on Reset for
details. PWRT enabled
D010
D010A
Supply Current (Note 2)
IDD
—
—
2.0
22.5
3.8
48
mA
µA
XT, RC osc configuration
FOSC = 4 MHz, VDD = 3.0V (Note 4)
LP osc configuration
FOSC = 32 kHz, VDD = 3.0V, WDT dis-
abled
D020
D020A
Power-down Current
(Note 3)
IPD
—
—
0.9
0.9
5
5
µA
µA
VDD = 3.0V, 0
°C to +70°C
VDD = 3.0V, -40
°C to +85°C
Module Differential Cur-
rent (note5)
D021
Watchdog Timer
∆IWDT
—6
20
µAVDD = 3.0V
D023*
Brown-out Reset Current
(Note 5)
∆IBOR
TBD
200
—
µA
BOR enabled, VDD = 5.0V
D025*
Timer1 oscillator
∆IT1OSC
—1.5
3
µAVDD = 3.0V
D026*
A/D Converter
∆IAD
—300
—
µAVDD = 5.5V, A/D on, not converting
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tristated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3:
The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS.
4:
For RC osc configuration, current through Rext is not included. The current through the resistor can be esti-
mated by the formula Ir = VDD/2Rext (mA) with Rext in kOhm.
5: The
∆ current is the additional current consumed when the peripheral is enabled. This current should be
added to the base (IPD or IDD) current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com