Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 152 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 152 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 148Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 149Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 150Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 151Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 152Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 153Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 154Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 155Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 200 page
background image
PIC16C77X
DS30275A-page 152
Advance Information
© 1999 Microchip Technology Inc.
15.1
DC Characteristics: PIC16C77X (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial and
0°C
≤ TA ≤ +70°C for commercial
Param
No.
Characteristic
Sym
Min
Typ† Max Units
Conditions
D001
D001A
Supply Voltage
VDD
4.0
4.5
—
—
5.5
5.5
V
V
XT, RC and LP osc configuration
HS osc configuration
D002*
RAM Data Retention
Voltage (Note 1)
VDR
—1.5
—
V
D003
VDD start voltage to
ensure internal Power-on
Reset signal
VPOR
—VSS
—
V
See section on Power-on Reset for details
D004*
VDD rise rate to ensure
internal Power-on Reset
signal
SVDD
0.05
—
—
V/ms See section on Power-on Reset for details.
PWRT enabled
D010
D013
Supply Current (Note 2)
IDD
—
—
2.7
13.5
5
30
mA
mA
XT, RC osc configuration
FOSC = 4 MHz, VDD = 5.5V (Note 4)
HS osc configuration
FOSC = 20 MHz, VDD = 5.5V
D020
D020A
Power-down Current
(Note 3)
IPD
—
—
1.5
1.5
16
19
µA
µA
VDD = 4.0V, -0
°C to +70°C
VDD = 4.0V, -40
°C to +85°C
Module Differential Cur-
rent (Note 5)
D021
Watchdog Timer
∆IWDT
—6.0
20
µAVDD = 4.0V
D023*
D023B*
Brown-out Reset Current
(Note 5)
Bandgap voltage
generator
∆IBOR
∆IBG6
TBD
—
200
40
µA
—
TBD
µA
µA
BOR enabled, VDD = 5.0V
D025*
Timer1 oscillator
∆IT1OSC
—5
9
µAVDD = 4.0V
D026*
A/D Converter
∆IAD
—300
—
µAVDD = 5.5V, A/D on, not converting
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tristated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is mea-
sured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS.
4: For RC osc configuration, current through Rext is not included. The current through the resistor can be esti-
mated by the formula Ir = VDD/2Rext (mA) with Rext in kOhm.
5: The
∆ current is the additional current consumed when the peripheral is enabled. This current should be
added to the base (IPD or IDD) current.
6: The bandgap voltate reference provides 1.22V to the VRL, VRH, LVD and BOR circuits. When calculating cur-
rent consumption use the following formula:
∆IVRL + ∆IVRH + ∆ILVD + ∆IBOR + ∆IBG. Any of the ∆IVRL, ∆IVRH,
∆ILVD or ∆IBOR can be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com