Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 147Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 148Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 149Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 150Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 151Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 152Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 153Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 154Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 151
15.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Ambient temperature under bias................................................................................................................ .-55 to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on any pin with respect to VSS (except VDD, MCLR. and RA4).......................................... -0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS ............................................................................................................ -0.3 to +7.5V
Voltage on MCLR with respect to VSS (Note 2).................................................................................................0 to +8.5V
Voltage on RA4 with respect to Vss ..................................................................................................................0 to +8.5V
Total power dissipation (Note 1) ................................................................................................................................ 1.0W
Maximum current out of VSS pin ........................................................................................................................... 300 mA
Maximum current into VDD pin .............................................................................................................................. 250 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
..................................................................................................................... ± 20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
............................................................................................................. ± 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin .................................................................................................... 25 mA
Maximum current sunk by PORTA, PORTB, and PORTE (combined) (Note 3).................................................... 200 mA
Maximum current sourced by PORTA, PORTB, and PORTE (combined) (Note 3) .............................................. 200 mA
Maximum current sunk by PORTC and PORTD (combined) (Note 3) .................................................................. 200 mA
Maximum current sourced by PORTC and PORTD (combined) (Note 3) ............................................................. 200 mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD - VOH) x IOH} + ∑(VOl x IOL)
Note 2: Voltage spikes below VSS at the MCLR pin, inducing currents greater than 80 mA, may cause latch-up. Thus,
a series resistor of 50-100
Ω should be used when applying a “low” level to the MCLR pin rather than pulling
this pin directly to VSS.
Note 3: PORTD and PORTE are not implemented on the PIC16C773.
TABLE 15-1
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
OSC
PIC16C773-04
PIC16C774-04
PIC16C773-20
PIC16C774-20
PIC16LC773-04
PIC16LC774-04
JW Devices
RC
VDD: 4.0V to 5.5V
IDD:
5 mA max. at 5.5V
IPD:
16
µA max. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD:
2.7 mA typ. at 5.5V
IPD:
1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 2.5V to 5.5V
IDD:
3.8 mA max. at 3.0V
IPD:
5
µA max. at 3V
Freq: 4 MHz max.
VDD: 4.0V to 5.5V
IDD:
5 mA max. at 5.5V
IPD:
16
µA max. at 4V
Freq: 4 MHz max.
XT
VDD: 4.0V to 5.5V
IDD:
5 mA max. at 5.5V
IPD:
16
µA max. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD:
2.7 mA typ. at 5.5V
IPD:
1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD: 2.5V to 5.5V
IDD:
3.8 mA max. at 3.0V
IPD:
5
µA max. at 3V
Freq: 4 MHz max.
VDD: 4.0V to 5.5V
IDD:
5 mA max. at 5.5V
IPD:
16
µA max. at 4V
Freq: 4 MHz max.
HS
VDD: 4.5V to 5.5V
VDD: 4.5V to 5.5V
Not tested for functionality
VDD: 4.5V to 5.5V
IDD:
13.5 mA typ. at 5.5V
IDD:
20 mA max. at 5.5V
IDD:
20 mA max. at 5.5V
IPD:
1.5
µA typ. at 4.5V
IPD:1.5
µA typ. at 4.5V
IPD:
1.5
µA typ. at 4.5V
Freq: 4 MHz max.
Freq: 20 MHz max.
Freq: 20 MHz max.
LP
VDD: 4.0V to 5.5V
IDD:
52.5
µA typ. at 32
kHz, 4.0V
IPD:
0.9
µA typ. at 4.0V
Freq: 200 kHz max.
Not tested for functionality
VDD: 2.5V to 5.5V
IDD:
48
µA max. at 32 kHz,
3.0V
IPD:
5.0
µA max. at 3.0V
Freq: 200 kHz max.
VDD: 2.5V to 5.5V
IDD:
48
µA max. at 32 kHz,
3.0V
IPD:
5.0
µA max. at 3.0V
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which are tested for functionality, but not for MIN/MAX specifications.
It is recommended that the user select the device type that ensures the specifications required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com