Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 161Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 162Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 163Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 164Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 165Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 166Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 167Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 168Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 165
TABLE 15-9
A/D CONVERTER CHARACTERISTICS:
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
12 bits
bit
Min. resolution for A/D is 1 mV,
VREF+ = AVDD = 4.096V,
VREF- = AVSS = 0V,
VREF-
≤ VAIN ≤ VREF+
A03
EIL
Integral error
—
—
+/-2 LSb
—
VREF+ = AVDD = 4.096V,
VREF- = AVSS = 0V,
VREF-
≤ VAIN ≤ VREF+
A04
EDL
Differential error
—
—
+2 LSb
-1 LSb
—
No missing codes to 12-bits
VREF+ = AVDD = 4.096V,
VREF- = AVSS = 0V,
VREF-
≤ VAIN ≤ VREF+
A06
EOFF
Offset error
—
—
less than
±2 LSb
—VREF+ = AVDD = 4.096V,
VREF- = AVSS = 0V,
VREF-
≤ VAIN ≤ VREF+
A07
EGN
Gain Error
—
—
+/- 2LSb
LSb
VREF+ = AVDD = 4.096V,
VREF- = AVSS = 0V,
VREF-
≤ VAIN ≤ VREF+
A10
—
Monotonicity
—
guaranteed(3)
——
AVSS
≤ VAIN ≤ VREF+
A20
VREF
Reference voltage
(VREF+ VREF-)
4.096
—
VDD +0.3V
V
Absolute minimum electrical spec to
ensure 12-bit accuracy.
A21
VREF+
Reference V High
(AVDD or VREF+)
VREF-—
AVDD
V
Min. resolution for A/D is 1 mV
A22
VREF-
Reference V Low
(AVSS or VREF-)
AVSS
—VREF+
V
Min. resolution for A/D is 1 mV
A25
VAIN
Analog input voltage
VREFL
—VREFH
V
A30
ZAIN
Recommended
impedance of analog
voltage source
——
2.5
k
Ω
A50
IREF
VREF input current
(Note 2)
——
10
µA
During VAIN acquisition.
Based on differential of VHOLD to VAIN.
To charge CHOLD see Section 11.0.
During A/D conversion cycle.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: When A/D is off, it will not consume any current other than minor leakage current. The power down current spec includes any
such leakage from the A/D module.
2: VREF current is from External VREF+, OR VREF-, or AVSS, or AVDD pin, whichever is selected as reference input.
3: The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com