Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 162Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 163Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 164Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 165Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 166Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 167Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 168Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 169Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 200 page
background image
PIC16C77X
DS30275A-page 166
Advance Information
© 1999 Microchip Technology Inc.
FIGURE 15-9: A/D CONVERSION TIMING (NORMAL MODE)
TABLE 15-10
A/D CONVERSION REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
130*
TAD
A/D clock period
1.6
——
µs
Tosc based, VREF
≥ 2.5V
3.0
—
—
µs
Tosc based, VREF full range
130*
TAD
A/D Internal RC
oscillator period
3.0
6.0
9.0
µs
ADCS1:ADCS0 = 11 (RC mode)
At VDD = 2.5V
2.0
4.0
6.0
µsAt VDD = 5.0V
131*
TCNV
Conversion time (not
including
acquisition time)
(Note 1)
—
13TAD
—TAD
Set GO bit to new data in A/D result
register
132*
TACQ
Acquisition Time
Note 2
5*
11.5
—
—
—
µs
µs
The minimum time is the amplifier
settling time. This may be used if
the “new” input voltage has not
changed by more than 1LSb (i.e
1mV @ 4.096V) from the last sam-
pled voltage (as stated on CHOLD).
134*
TGO
Q4 to A/D clock start
—
TOSC/2
—
—
If the A/D clock source is selected
as RC, a time of TCY is added
before the A/D clock starts. This
allows the SLEEP instruction to be
executed.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: ADRES register may be read on the following TCY cycle.
2: See Section 11.6 for minimum conditions.
131
130
132
BSF ADCON0, GO
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
98
7
3
2
1
0
Note 1:
If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts. This allows the
SLEEP
instruction to be executed.
1/2 Tcy
6
134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com