Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LMA Datasheet(PDF) 29 Page - SPANSION

Part # MB9AF112LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LMA Datasheet(HTML) 29 Page - SPANSION

Back Button MB9AF112LMA Datasheet HTML 25Page - SPANSION MB9AF112LMA Datasheet HTML 26Page - SPANSION MB9AF112LMA Datasheet HTML 27Page - SPANSION MB9AF112LMA Datasheet HTML 28Page - SPANSION MB9AF112LMA Datasheet HTML 29Page - SPANSION MB9AF112LMA Datasheet HTML 30Page - SPANSION MB9AF112LMA Datasheet HTML 31Page - SPANSION MB9AF112LMA Datasheet HTML 32Page - SPANSION MB9AF112LMA Datasheet HTML 33Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
D a t a S h e e t
26
MB9A110A-DS706-00011-3v0-E, December 16, 2014
CONFIDENTIAL
Pin No
Pin name
I/O circuit
type
Pin state
type
LQFP-100 QFP-100 BGA-112 LQFP-80
LQFP-64
QFN-64
90
68
C6
70
-
P0D
E
I
RTS4_0
TIOA3_2
IC12_0
MDQM0_1
91
69
A5
71
-
P0E
E
I
CTS4_0
TIOB3_2
IC13_0
MDQM1_1
92
70
B5
72
57
P0F
E
J
NMIX
CROUT_1
93
71
D6
73
-
P63
E
H
INT03_0
MWEX_1
94
72
C5
74
58
P62
E
I
SCK5_0
(SCL5_0)
ADTG_3
-
MOEX_1
95
73
B4
75
59
P61
E
I
SOT5_0
(SDA5_0)
TIOB2_2
96
74
C4
76
60
P60
E / I*
H
SIN5_0
TIOA2_2
INT15_1
-
MRDY_1
97
75
A4
77
61
VCC
-
98
76
A3
78
62
P80
H
O
99
77
A2
79
63
P81
H
O
100
78
A1
80
64
VSS
-
* : 5V tolerant I/O on MB9AF115MA/NA and MB9AF116MA/NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com