Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LMA Datasheet(PDF) 63 Page - SPANSION

Part # MB9AF112LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LMA Datasheet(HTML) 63 Page - SPANSION

Back Button MB9AF112LMA Datasheet HTML 59Page - SPANSION MB9AF112LMA Datasheet HTML 60Page - SPANSION MB9AF112LMA Datasheet HTML 61Page - SPANSION MB9AF112LMA Datasheet HTML 62Page - SPANSION MB9AF112LMA Datasheet HTML 63Page - SPANSION MB9AF112LMA Datasheet HTML 64Page - SPANSION MB9AF112LMA Datasheet HTML 65Page - SPANSION MB9AF112LMA Datasheet HTML 66Page - SPANSION MB9AF112LMA Datasheet HTML 67Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 121 page
background image
D a t a S h e e t
60
MB9A110A-DS706-00011-3v0-E, December 16, 2014
CONFIDENTIAL
 List of Pin Status
Pin status type
Function group
Power-on reset
or low-voltage
detection state
INITX input
state
Device internal
reset state
Run mode or
SLEEP mode
state
Timer mode or STOP mode
state
Power supply
unstable
Power supply stable
Power supply
stable
Power supply stable
-
INITX=0
INITX=1
INITX=1
INITX=1
-
-
-
-
SPL=0
SPL=1
A
GPIO selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous state
Maintain
previous state
Hi-Z/ Internal
input fixed at
"0"
Main crystal
oscillator input pin
Input enabled
Input enabled
Input enabled
Input enabled
Input enabled
Input enabled
B
GPIO selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous state
Maintain
previous state
Hi-Z/
Internal input
fixed at "0"
Main crystal
oscillator output
pin
Hi-Z/
Internal input
fixed at "0"/
or Input enable
Hi-Z/
Internal input
fixed at "0"
Hi-Z/
Internal input
fixed at "0"
Maintain
previous state
Maintain
previous state/
Hi-Z at
oscillation
stop*
1/
Internal input
fixed at "0"
Maintain
previous state/
Hi-Z at
oscillation
stop*
1/
Internal input
fixed at "0"
C
INITX input pin
Pull-up/ Input
enabled
Pull-up/ Input
enabled
Pull-up/ Input
enabled
Pull-up/ Input
enabled
Pull-up/ Input
enabled
Pull-up/ Input
enabled
D
Mode input pin
Input enabled
Input enabled
Input enabled
Input enabled
Input enabled
Input enabled
E
JTAG
selected
Hi-Z
Pull-up/ Input
enabled
Pull-up/ Input
enabled
Maintain
previous state
Maintain
previous state
Maintain
previous state
GPIO
selected
Setting disabled
Setting
disabled
Setting
disabled
Hi-Z/ Internal
input fixed at
"0"
F
Trace selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous state
Maintain
previous state
Trace output
External interrupt
enabled selected
Maintain
previous state
GPIO
selected, or
resource other than
above selected
Hi-Z
Hi-Z/
Input enabled
Hi-Z/
Input enabled
Hi-Z/
Internal input
fixed at "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com