Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LMA Datasheet(PDF) 41 Page - SPANSION

Part # MB9AF112LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LMA Datasheet(HTML) 41 Page - SPANSION

Back Button MB9AF112LMA Datasheet HTML 37Page - SPANSION MB9AF112LMA Datasheet HTML 38Page - SPANSION MB9AF112LMA Datasheet HTML 39Page - SPANSION MB9AF112LMA Datasheet HTML 40Page - SPANSION MB9AF112LMA Datasheet HTML 41Page - SPANSION MB9AF112LMA Datasheet HTML 42Page - SPANSION MB9AF112LMA Datasheet HTML 43Page - SPANSION MB9AF112LMA Datasheet HTML 44Page - SPANSION MB9AF112LMA Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 121 page
background image
D a t a S h e e t
38
MB9A110A-DS706-00011-3v0-E, December 16, 2014
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
100
QFP-
100
BGA-
112
LQFP-
80
LQFP-
64
QFN-
64
Multi
Function
Timer
0
DTTI0X_0
Input signal of waveform generator to
control outputs RTO00 to RTO05 of
multi-function timer 0
18
96
F4
13
9
DTTI0X_1
69
47
E9
-
-
FRCK0_0
16-bit free-run timer external clock
input pin
13
91
F1
-
-
FRCK0_1
70
48
D11
-
-
FRCK0_2
53
31
J10
43
35
IC00_0
16-bit input capture input pin of
multi-function timer 0.
ICxx describes channel number.
17
95
G2
-
-
IC00_1
65
43
F9
55
-
IC00_2
54
32
J8
44
36
IC01_0
16
94
G1
-
-
IC01_1
66
44
E11
56
-
IC01_2
55
33
H10
45
37
IC02_0
15
93
F3
-
-
IC02_1
67
45
E10
-
-
IC02_2
56
34
H9
46
38
IC03_0
14
92
F2
-
-
IC03_1
68
46
F8
-
-
IC03_2
57
35
H7
47
39
RTO00_0
(PPG00_0)
Waveform generator output of
multi-function timer 0.
This pin operates as PPG00 when it is
used in PPG 0 output mode.
19
97
G3
14
10
RTO00_1
(PPG00_1)
71
49
D10
-
-
RTO01_0
(PPG00_0)
Waveform generator output of
multi-function timer 0.
This pin operates as PPG00 when it is
used in PPG 0 output mode.
20
98
H1
15
11
RTO02_0
(PPG02_0)
Waveform generator output of
multi-function timer 0.
This pin operates as PPG02 when it is
used in PPG 0 output mode.
21
99
H2
16
12
RTO03_0
(PPG02_0)
Waveform generator output of
multi-function timer 0.
This pin operates as PPG02 when it is
used in PPG 0 output mode.
22
100
G4
17
13
RTO04_0
(PPG04_0)
Waveform generator output of
multi-function timer 0.
This pin operates as PPG04 when it is
used in PPG 0 output mode.
23
1
H3
18
14
RTO05_0
(PPG04_0)
Waveform generator output of
multi-function timer 0.
This pin operates as PPG04 when it is
used in PPG 0 output mode.
24
2
J2
19
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com