Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LMA Datasheet(PDF) 4 Page - SPANSION

Part # MB9AF112LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LMA Datasheet(HTML) 4 Page - SPANSION

  MB9AF112LMA Datasheet HTML 1Page - SPANSION MB9AF112LMA Datasheet HTML 2Page - SPANSION MB9AF112LMA Datasheet HTML 3Page - SPANSION MB9AF112LMA Datasheet HTML 4Page - SPANSION MB9AF112LMA Datasheet HTML 5Page - SPANSION MB9AF112LMA Datasheet HTML 6Page - SPANSION MB9AF112LMA Datasheet HTML 7Page - SPANSION MB9AF112LMA Datasheet HTML 8Page - SPANSION MB9AF112LMA Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 121 page
background image
MB9A110A Series
32-bit ARM
® Cortex®-M3 based Microcontroller
MB9AF111LA/MA/NA, MB9AF112LA/MA/NA,
MB9AF114LA/MA/NA, MB9AF115MA/NA, MB9AF116MA/NA
Data Sheet (Full Production)
Publication Number MB9A110A-DS706-00011
Revision 3.0
Issue Date December 16, 2014
CONFIDENTIAL
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient
production volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the
valid combinations offered may occur.
 DESCRIPTION
The MB9A110A Series are a highly integrated 32-bit microcontroller that target for high-performance and
cost-sensitive embedded control applications.
The MB9A110A Series are based on the ARM Cortex-M3 Processor and on-chip Flash memory and SRAM,
and peripheral functions, including Motor Control Timers, ADCs and Communication Interfaces (UART,
CSIO, I
2C, LIN).
The products which are described in this data sheet are placed into TYPE1 product categories in " FM3
Family PERIPHERAL MANUAL ".
Note: ARM and Cortex are the registered trademarks of ARM Limited in the EU and other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com