Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LMA Datasheet(PDF) 44 Page - SPANSION

Part # MB9AF112LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LMA Datasheet(HTML) 44 Page - SPANSION

Back Button MB9AF112LMA Datasheet HTML 40Page - SPANSION MB9AF112LMA Datasheet HTML 41Page - SPANSION MB9AF112LMA Datasheet HTML 42Page - SPANSION MB9AF112LMA Datasheet HTML 43Page - SPANSION MB9AF112LMA Datasheet HTML 44Page - SPANSION MB9AF112LMA Datasheet HTML 45Page - SPANSION MB9AF112LMA Datasheet HTML 46Page - SPANSION MB9AF112LMA Datasheet HTML 47Page - SPANSION MB9AF112LMA Datasheet HTML 48Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
41
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
100
QFP-
100
BGA-
112
LQFP-
80
LQFP-
64
QFN-
64
RESET
INITX
External Reset Input. A reset is valid
when INITX= "L"
38
16
K4
28
21
Mode
MD0
Mode 0 pin.
During normal operation, MD0= "L"
must be input. During serial
programming to flash memory, MD0=
"H" must be input.
47
25
L8
37
29
MD1
Mode 1 pin.
During serial programming to flash
memory, MD1= "L" must be input.
46
24
K9
36
28
POWER
VCC
Power supply pin
1
79
B1
1
1
VCC
Power supply pin
26
4
J1
-
-
VCC
Power supply pin
35
13
K1
25
18
VCC
Power supply pin
51
29
K11
41
33
VCC
Power supply pin
76
54
A10
-
-
VCC
Power supply pin
97
75
A4
77
61
GND
VSS
GND pin
-
-
B2
-
-
VSS
GND pin
25
3
L1
20
16
VSS
GND pin
-
-
K2
-
-
VSS
GND pin
-
-
J3
-
-
VSS
GND pin
-
-
H4
-
-
VSS
GND pin
34
12
L4
24
-
VSS
GND pin
50
28
L11
40
32
VSS
GND pin
-
-
K10
-
-
VSS
GND pin
-
-
J9
-
-
VSS
GND pin
-
-
H8
-
-
VSS
GND pin
-
-
B10
-
-
VSS
GND pin
-
-
C9
-
-
VSS
GND pin
75
53
A11
-
-
VSS
GND pin
-
-
D8
-
-
VSS
GND pin
-
-
D4
-
-
VSS
GND pin
-
-
C3
-
-
VSS
GND pin
100
78
A1
80
64
CLOCK
X0
Main clock (oscillation) input pin
48
26
L9
38
30
X0A
Sub clock (oscillation) input pin
36
14
L3
26
19
X1
Main clock (oscillation) I/O pin
49
27
L10
39
31
X1A
Sub clock (oscillation) I/O pin
37
15
K3
27
20
CROUT_0
Built-in high-speed CR-osc clock
output port
74
52
C10
60
-
CROUT_1
92
70
B5
72
57
Analog
POWER
AVCC
A/D converter analog power supply
pin
60
38
H11
50
41
AVRH
A/D converter analog reference
voltage input pin
61
39
F11
51
42
Analog
GND
AVSS
A/D converter GND pin
62
40
G11
52
43
C pin
C
Power supply stabilization capacity
pin
33
11
L2
23
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com