Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LMA Datasheet(PDF) 42 Page - SPANSION

Part # MB9AF112LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LMA Datasheet(HTML) 42 Page - SPANSION

Back Button MB9AF112LMA Datasheet HTML 38Page - SPANSION MB9AF112LMA Datasheet HTML 39Page - SPANSION MB9AF112LMA Datasheet HTML 40Page - SPANSION MB9AF112LMA Datasheet HTML 41Page - SPANSION MB9AF112LMA Datasheet HTML 42Page - SPANSION MB9AF112LMA Datasheet HTML 43Page - SPANSION MB9AF112LMA Datasheet HTML 44Page - SPANSION MB9AF112LMA Datasheet HTML 45Page - SPANSION MB9AF112LMA Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
39
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
100
QFP-
100
BGA-
112
LQFP-
80
LQFP-
64
QFN-
64
Multi
Function
Timer
1
DTTI1X_0
Input signal of waveform generator to
control outputs RTO10 to RTO15 of
multi-function timer 1
8
86
D5
8
-
DTTI1X_1
39
17
K6
29
-
FRCK1_0
16-bit free-run timer ch.1 external
clock input pin
87
65
D7
67
-
FRCK1_1
44
22
J7
34
-
IC10_0
16-bit input capture input pin of
multi-function timer 1.
ICxx describes channel number.
88
66
A6
68
-
IC10_1
40
18
J6
30
-
IC11_0
89
67
B6
69
-
IC11_1
41
19
L7
31
-
IC12_0
90
68
C6
70
-
IC12_1
42
20
K7
32
-
IC13_0
91
69
A5
71
-
IC13_1
43
21
H6
33
-
RTO10_0
(PPG10_0)
Waveform generator output of
multi-function timer 1.
This pin operates as PPG10 when it is
used in PPG 1 output mode.
2
80
C1
2
-
RTO10_1
(PPG10_1)
27
5
J4
-
-
RTO11_0
(PPG10_0)
Waveform generator output of
multi-function timer 1.
This pin operates as PPG10 when it is
used in PPG 1 output mode.
3
81
C2
3
-
RTO11_1
(PPG10_1)
28
6
L5
-
-
RTO12_0
(PPG12_0)
Waveform generator output of
multi-function timer 1.
This pin operates as PPG12 when it is
used in PPG 1 output mode.
4
82
B3
4
-
RTO12_1
(PPG12_1)
29
7
K5
-
-
RTO13_0
(PPG12_0)
Waveform generator output of
multi-function timer 1.
This pin operates as PPG12 when it is
used in PPG 1 output mode.
5
83
D1
5
-
RTO13_1
(PPG12_1)
30
8
J5
-
-
RTO14_0
(PPG14_0)
Waveform generator output of
multi-function timer 1.
This pin operates as PPG14 when it is
used in PPG 1 output mode.
6
84
D2
6
-
RTO14_1
(PPG14_1)
31
9
H5
21
-
RTO15_0
(PPG14_0)
Waveform generator output of
multi-function timer 1.
This pin operates as PPG14 when it is
used in PPG 1 output mode.
7
85
D3
7
-
RTO15_1
(PPG14_1)
32
10
L6
22
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com