Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LMA Datasheet(PDF) 109 Page - SPANSION

Part # MB9AF112LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LMA Datasheet(HTML) 109 Page - SPANSION

Back Button MB9AF112LMA Datasheet HTML 105Page - SPANSION MB9AF112LMA Datasheet HTML 106Page - SPANSION MB9AF112LMA Datasheet HTML 107Page - SPANSION MB9AF112LMA Datasheet HTML 108Page - SPANSION MB9AF112LMA Datasheet HTML 109Page - SPANSION MB9AF112LMA Datasheet HTML 110Page - SPANSION MB9AF112LMA Datasheet HTML 111Page - SPANSION MB9AF112LMA Datasheet HTML 112Page - SPANSION MB9AF112LMA Datasheet HTML 113Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 121 page
background image
D a t a S h e e t
106
MB9A110A-DS706-00011-3v0-E, December 16, 2014
CONFIDENTIAL
 PACKAGE DIMENSIONS
100-pin plastic LQFP
Lead pitch
0.50 mm
Package width ×
package length
14.00 mm × 14.00 mm
Lead shape
Gullwing
Lead bend
direction
Normal bend
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
0.65 g
100-pin plastic LQFP
(FPT-100P-M23)
(FPT-100P-M23)
C
2009-2010 FUJITSU SEMICONDUCTOR LIMITED F100034S-c-3-4
16.00±0.20(.630±.008)SQ
1
25
51
76
75
100
0.50(.020)
0.22±0.05
M
0.08(.003)
*14.00±0.10(.551±.004)SQ
26
50
0.145±0.055
(.006±.002)
0.08(.003)
"A"
INDEX
0°~8°
0.50±0.20
0.10±0.10
(Stand off)
+.008
+0.20
(Mounting height)
- 0.10
1.50
.059 -.004
(
)
0.60±0.15
0.25(.010)
Dimensions in mm (inches).
Note:The values in parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.
Details of "A" part
(.004±.004)
(.009±.002)
(.020±.008)
(.024±.006)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com