Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111K Datasheet(PDF) 26 Page - SPANSION

Part # MB9AF111K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111K Datasheet(HTML) 26 Page - SPANSION

Back Button MB9AF111K Datasheet HTML 22Page - SPANSION MB9AF111K Datasheet HTML 23Page - SPANSION MB9AF111K Datasheet HTML 24Page - SPANSION MB9AF111K Datasheet HTML 25Page - SPANSION MB9AF111K Datasheet HTML 26Page - SPANSION MB9AF111K Datasheet HTML 27Page - SPANSION MB9AF111K Datasheet HTML 28Page - SPANSION MB9AF111K Datasheet HTML 29Page - SPANSION MB9AF111K Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
D a t a S h e e t
February 20, 2015, MB9A110K-DS706-00030-2v0-E
23
CONFIDENTIAL
 I/O Circuit Type
Type
Circuit
Remarks
A
It is possible to select the main
oscillation / GPIO function
When the main oscillation is
selected.
 Oscillation feedback
resistor
: Approximately 1MΩ
 With Standby mode control
When the GPIO is selected.
 CMOS level output.
 CMOS level hysteresis
input
 With pull-up resistor
control
 With standby mode control
 Pull-up resistor
: Approximately 50kΩ
 I
OH= -4mA, IOL= 4mA
B
 CMOS level hysteresis
input
 Pull-up resistor
: Approximately 50kΩ
X0
X1
P-ch
P-ch
N-ch
R
R
P-ch
P-ch
N-ch
Pull-up
resistor
Feedback
resistor
Pull-up
resistor
Digital output
Digital output
Pull-up resistor control
Digital input
Standby mode Control
Clock input
Standby mode Control
Digital input
Standby mode Control
Digital output
Digital output
Pull-up resistor control
Pull-up resistor
Digital input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com