Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111K Datasheet(PDF) 49 Page - SPANSION

Part # MB9AF111K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111K Datasheet(HTML) 49 Page - SPANSION

Back Button MB9AF111K Datasheet HTML 45Page - SPANSION MB9AF111K Datasheet HTML 46Page - SPANSION MB9AF111K Datasheet HTML 47Page - SPANSION MB9AF111K Datasheet HTML 48Page - SPANSION MB9AF111K Datasheet HTML 49Page - SPANSION MB9AF111K Datasheet HTML 50Page - SPANSION MB9AF111K Datasheet HTML 51Page - SPANSION MB9AF111K Datasheet HTML 52Page - SPANSION MB9AF111K Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
D a t a S h e e t
46
MB9A110K-DS706-00030-2v0-E, February 20, 2015
CONFIDENTIAL
3.
DC Characteristics
(1) Current Rating
(Vcc = AVcc = 2.7V to 5.5V, Vss = AVss = 0V, Ta = - 40°C to + 105°C)
Parameter Symbol
Pin
name
Conditions
Value
Unit Remarks
Typ*
3
Max*
4
RUN
mode
current
Icc
VCC
PLL
RUN mode
CPU : 40 MHz,
Peripheral : 40 MHz,
MainFlash 0 Wait
FRWTR.RWT = 00
FSYNDN.SD = 000
32
41
mA
*1, *5
CPU : 40 MHz,
Peripheral : 40 MHz,
MainFlash 3 Wait
FRWTR.RWT = 00
FSYNDN.SD = 011
21
28
mA
*1, *5
High-speed
CR
RUN mode
CPU/ Peripheral : 4 MHz*
2
MainFlash 0 Wait
FRWTR.RWT = 00
FSYNDN.SD = 000
3.9
7.7
mA
*1
Sub
RUN mode
CPU/ Peripheral : 32 kHz
MainFlash 0 Wait
FRWTR.RWT = 00
FSYNDN.SD = 000
0.15
3.2
mA
*1, *6
Low-speed
CR
RUN mode
CPU/ Peripheral : 100 kHz
MainFlash 0 Wait
FRWTR.RWT = 00
FSYNDN.SD = 000
0.2
3.3
mA
*1
SLEEP
mode
current
Iccs
PLL
SLEEP mode
Peripheral : 40 MHz
10
15
mA
*1, *5
High-speed
CR
SLEEP mode
Peripheral : 4 MHz*
2
1.2
4.4
mA
*1
Sub
SLEEP mode
Peripheral : 32 kHz
0.1
3.1
mA
*1, *6
Low-speed
CR
SLEEP mode
Peripheral : 100 kHz
0.1
3.1
mA
*1
*1 : When all ports are fixed.
*2 : When setting it to 4 MHz by trimming.
*3 : Ta=+25°C, VCC=5.5V
*4 : Ta=+105°C, VCC=5.5V
*5 : When using the crystal oscillator of 4 MHz(Including the current consumption of the oscillation circuit)
*6 : When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com