Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111K Datasheet(PDF) 19 Page - SPANSION

Part # MB9AF111K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111K Datasheet(HTML) 19 Page - SPANSION

Back Button MB9AF111K Datasheet HTML 15Page - SPANSION MB9AF111K Datasheet HTML 16Page - SPANSION MB9AF111K Datasheet HTML 17Page - SPANSION MB9AF111K Datasheet HTML 18Page - SPANSION MB9AF111K Datasheet HTML 19Page - SPANSION MB9AF111K Datasheet HTML 20Page - SPANSION MB9AF111K Datasheet HTML 21Page - SPANSION MB9AF111K Datasheet HTML 22Page - SPANSION MB9AF111K Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
D a t a S h e e t
16
MB9A110K-DS706-00030-2v0-E, February 20, 2014
CONFIDENTIAL
 List of pin functions
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.
Module
Pin name
Function
Pin No
LQFP-48
QFN-48
LQFP-52
ADC
ADTG_2
A/D converter external trigger input pin
5
6
AN00
A/D converter analog input pin.
ANxx describes ADC ch.xx.
25
27
AN01
26
28
AN02
27
29
AN03
28
30
AN04
29
31
AN05
30
32
AN06
34
37
AN07
35
38
Base Timer
0
TIOA0_1
Base timer ch.0 TIOA pin
6
7
TIOB0_0
Base timer ch.0 TIOB pin
18
19
Base Timer
1
TIOA1_1
Base timer ch.1 TIOA pin
7
8
TIOB1_0
Base timer ch.1 TIOB pin
19
20
Base Timer
2
TIOA2_1
Base timer ch.2 TIOA pin
8
9
TIOA2_2
44
48
TIOB2_2
Base timer ch.2 TIOB pin
43
47
Base Timer
3
TIOA3_1
Base timer ch.3 TIOA pin
9
10
Base Timer
4
TIOA4_1
Base timer ch.4 TIOA pin
10
11
Base Timer
5
TIOA5_1
Base timer ch.5 TIOA pin
11
12
Base Timer
7
TIOA7_1
Base timer ch.7 TIOA pin
34
37
TIOB7_1
Base timer ch.7 TIOB pin
35
38
Debugger
SWCLK
Serial wire debug interface clock input pin
38
42
SWDIO
Serial wire debug interface data input/output
pin
40
44
SWO
Serial wire viewer output pin
41
45
TCK
J-TAG test clock input pin
38
42
TDI
J-TAG test data input pin
39
43
TDO
J-TAG debug data output pin
41
45
TMS
J-TAG test mode state input/output pin
40
44
TRSTX
J-TAG test reset Input pin
37
41
External
Interrupt
INT00_0
External interrupt request 00 input pin
2
2
INT01_0
External interrupt request 01 input pin
3
3
INT02_0
External interrupt request 02 input pin
4
4
INT02_1
26
28
INT03_1
External interrupt request 03 input pin
29
31
INT06_1
External interrupt request 06 input pin
36
39
INT15_1
External interrupt request 15 input pin
44
48
NMIX
Non-Maskable Interrupt input pin
42
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com