Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111K Datasheet(PDF) 70 Page - SPANSION

Part # MB9AF111K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111K Datasheet(HTML) 70 Page - SPANSION

Back Button MB9AF111K Datasheet HTML 66Page - SPANSION MB9AF111K Datasheet HTML 67Page - SPANSION MB9AF111K Datasheet HTML 68Page - SPANSION MB9AF111K Datasheet HTML 69Page - SPANSION MB9AF111K Datasheet HTML 70Page - SPANSION MB9AF111K Datasheet HTML 71Page - SPANSION MB9AF111K Datasheet HTML 72Page - SPANSION MB9AF111K Datasheet HTML 73Page - SPANSION MB9AF111K Datasheet HTML 74Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
D a t a S h e e t
February 20, 2015, MB9A110K-DS706-00030-2v0-E
67
CONFIDENTIAL
(11) I
2C Timing
(Vcc = 2.7V to 5.5V, Vss = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol Conditions
Standard-mode Fast-mode
Unit Remarks
Min
Max
Min
Max
SCL clock frequency
FSCL
CL = 30pF,
R = (Vp/IOL)*
1
0
100
0
400 kHz
(Repeated) START condition
hold time
SDA ↓→ SCL ↓
tHDSTA
4.0
-
0.6
-
μs
SCLclock "L" width
tLOW
4.7
-
1.3
-
μs
SCLclock "H" width
tHIGH
4.0
-
0.6
-
μs
(Repeated) START setup time
SCL ↑→ SDA ↓
tSUSTA
4.7
-
0.6
-
μs
Data hold time
SCL ↓→ SDA ↓ ↑
tHDDAT
0
3.45*
2
0
0.9*
3
μs
Data setup time
SDA ↓ ↑ → SCL ↑
tSUDAT
250
-
100
-
ns
STOP condition setup time
SCL ↑→ SDA ↑
tSUSTO
4.0
-
0.6
-
μs
Bus free time between
"STOP condition" and
"START condition"
tBUF
4.7
-
1.3
-
μs
Noise filter
tSP
-
2 tCYCP*
4
-
2 tCYCP*
4
-
ns
*1 : R and C represent the pull-up resistance and load capacitance of the SCL and SDA lines, respectively.
Vp indicates the power supply voltage of the pull-up resistance and IOL indicates VOL guaranteed current.
*2 : The maximum tHDDAT must satisfy that it doesn't extend at least "L" period (tLOW) of device's SCL signal.
*3 : Fast-mode I
2C bus device can be used on Standard-mode I2C bus system as long as the device satisfies the
requirement of "tSUDAT ≥ 250 ns".
*4 : tCYCP is the APB bus clock cycle time.
About the APB bus number that I2C is connected to, see "Block Diagram" in this data sheet.
To use Standard-mode, set the APB bus clock at 2 MHz or more.
To use Fast-mode, set the APB bus clock at 8 MHz or more.
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com