Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111K Datasheet(PDF) 85 Page - SPANSION

Part # MB9AF111K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111K Datasheet(HTML) 85 Page - SPANSION

Back Button MB9AF111K Datasheet HTML 81Page - SPANSION MB9AF111K Datasheet HTML 82Page - SPANSION MB9AF111K Datasheet HTML 83Page - SPANSION MB9AF111K Datasheet HTML 84Page - SPANSION MB9AF111K Datasheet HTML 85Page - SPANSION MB9AF111K Datasheet HTML 86Page - SPANSION MB9AF111K Datasheet HTML 87Page - SPANSION MB9AF111K Datasheet HTML 88Page - SPANSION MB9AF111K Datasheet HTML 89Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
D a t a S h e e t
82
MB9A110K-DS706-00030-2v0-E, February 20, 2015
CONFIDENTIAL
 Major Changes
Page
Section
Change Results
Revision 1.0
-
-
PRELIMINARY → Data sheet
7
PRODUCT LINEUP
Function
Added the pin count.
8
PACKAGES
Revised from "Planning".
23
I/O CIRCUIT TYPE
Corrected the following description to "TypeB".
Digital output → Digital input
34
BLOCK DIAGRAM
Corrected the following description.
AHB (Max 40MHz) → AHB (Max 42MHz)
APB0 (Max 40MHz) → APB0 (Max 42MHz)
APB1 (Max 40MHz) → APB1 (Max 42MHz)
APB2 (Max 40MHz) → APB2 (Max 42MHz)
Deleted the description for "USB Clock Ctrl / PLL".
45, 46
ELECTRICAL CHARACTERISTICS
3. DC Characteristics
(1) Current Rating
Revised the value of "TBD".
Corrected the value.
- Power supply current (ICCR)
Typ: 60 → 50
- Power supply current (ICCRD) (RAM hold off)
Typ: 45 → 30
- Power supply current (ICCRD) (RAM hold on)
Typ: 48 → 33
61
(9) External Input Timing
Revised the value of "TBD".
66
5. 12-bit A/D Converter
Electrical characteristics for the A/D
converter
Deleted "(Preliminary value)".
Corrected the value of "Compare clock cycle".
Max: 10000 → 2000
70
7. MainFlash Memory Write/Erase
Characteristics
Erase/write cycles and data hold time
Deleted"(targeted value)".
8. WorkFlash Memory Write/Erase
Characteristics
Erase/write cycles and data hold time
Revision 1.1
-
-
Company name and layout design change
Revision 2.0
25
I/O Circuit Type
Added the description of I
2C to the type of E and F
25, 26
I/O Circuit Type
Added about +B input
32
Handling Devices
Added "Stabilizing power supply voltage"
32
Handling Devices
Crystal oscillator circuit
Added the following description
"Evaluate oscillation of your using crystal oscillator by your mount board."
33
Handling Devices
C Pin
Changed the description
34
Block Diagram
Modified the block diagram
35
Memory Map
· Memory map(1)
Modified the area of "Extarnal Device Area"
36
Memory Map
· Memory map(2)
Added the summary of Flash memory sector and the note
43, 44
Electrical Characteristics
1. Absolute Maximum Ratings
· Added the Clamp maximum current
· Added the output current of P80 and P81
· Added about +B input
45
Electrical Characteristics
2. Recommended Operation Conditions
· Modified the minimum value of Analog reference voltage
· Added Smoothing capacitor
· Added the note about less than the minimum power supply voltage
46-48
Electrical Characteristics
3. DC Characteristics
(1) Current rating
· Changed the table format
· Added Main TIMER mode current
· Added Flash Memory Current
· Moved A/D Converter Current
51
Electrical Characteristics
4. AC Characteristics
(1) Main Clock Input Characteristics
Added Master clock at Ingernal operating clock frequency
52
Electrical Characteristics
4. AC Characteristics
(3) Built-in CR Oscillation Characteristics
Added Frequency stability time at Built-in high-speed CR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com