Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111K Datasheet(PDF) 35 Page - SPANSION

Part # MB9AF111K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111K Datasheet(HTML) 35 Page - SPANSION

Back Button MB9AF111K Datasheet HTML 31Page - SPANSION MB9AF111K Datasheet HTML 32Page - SPANSION MB9AF111K Datasheet HTML 33Page - SPANSION MB9AF111K Datasheet HTML 34Page - SPANSION MB9AF111K Datasheet HTML 35Page - SPANSION MB9AF111K Datasheet HTML 36Page - SPANSION MB9AF111K Datasheet HTML 37Page - SPANSION MB9AF111K Datasheet HTML 38Page - SPANSION MB9AF111K Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
D a t a S h e e t
32
MB9A110K-DS706-00030-2v0-E, February 20, 2015
CONFIDENTIAL
 Handling Devices
 Power supply pins
In products with multiple VCC and VSS pins, respective pins at the same potential are interconnected
within the device in order to prevent malfunctions such as latch-up. However, all of these pins should be
connected externally to the power supply or ground lines in order to reduce electromagnetic emission levels,
to prevent abnormal operation of strobe signals caused by the rise in the ground level, and to conform to the
total output current rating.
Moreover, connect the current supply source with each Power supply pins and GND pins of this device at
low impedance. It is also advisable that a ceramic capacitor of approximately 0.1 µF be connected as a
bypass capacitor between each Power supply pins and GND pins, between AVCC pin and AVSS pin near
this device.
 Stabilizing power supply voltage
A malfunction may occur when the power supply voltage fluctuates rapidly even though the
fluctuation is within the recommended operating conditions of the VCC power supply voltage.
As a rule, with voltage stabilization, suppress the voltage fluctuation so that the fluctuation
in VCC ripple (peak-to-peak value) at the commercial frequency (50 Hz/60 Hz) does not
exceed 10% of the VCC value in the recommended operating conditions, and the transient
fluctuation rate does not exceed 0.1 V/μs when there is a momentary fluctuation on switching
the power supply.
 Crystal oscillator circuit
Noise near the X0/X1 and X0A/X1A pins may cause the device to malfunction. Design the printed circuit
board so that X0/X1, X0A/X1A pins, the crystal oscillator (or ceramic oscillator), and the bypass capacitor
to ground are located as close to the device as possible.
It is strongly recommended that the PC board artwork be designed such that the X0/X1 and X0A/X1A pins
are surrounded by ground plane as this is expected to produce stable operation.
Evaluate oscillation of your using crystal oscillator by your mount board.
 Using an external clock
When using an external clock, the clock signal should be input to the X0, X0A pin only and the X1, X1A
pin should be kept open.
 Handling when using Multi-function serial pin as I
2C pin
If it is using Multi-function serial pin as I
2C pins, P-ch transistor of digital output is always disable.
However, I
2C pins need to keep the electrical characteristic like other pins and not to connect to external I2C
bus system with power OFF.
Example of Using an External Clock
Device
X0(X0A)
X1(X1A)
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com