Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111K Datasheet(PDF) 45 Page - SPANSION

Part # MB9AF111K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111K Datasheet(HTML) 45 Page - SPANSION

Back Button MB9AF111K Datasheet HTML 41Page - SPANSION MB9AF111K Datasheet HTML 42Page - SPANSION MB9AF111K Datasheet HTML 43Page - SPANSION MB9AF111K Datasheet HTML 44Page - SPANSION MB9AF111K Datasheet HTML 45Page - SPANSION MB9AF111K Datasheet HTML 46Page - SPANSION MB9AF111K Datasheet HTML 47Page - SPANSION MB9AF111K Datasheet HTML 48Page - SPANSION MB9AF111K Datasheet HTML 49Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
D a t a S h e e t
42
MB9A110K-DS706-00030-2v0-E, February 20, 2015
CONFIDENTIAL
Function
group
Power-on
reset or
low-voltage
detection
state
INITX input
state
Device
internal
reset state
Run mode
or sleep
mode state
Timer mode,
RTC mode, or
sleep mode state
Deep stand-by RTC
mode or Deep
stand-by STOP mode
state
Return from
Deep
stand-by
mode state
Power
supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
Power supply stable
Power
supply
stable
-
INITX = 0
INITX = 1
INITX = 1
INITX = 1
INITX = 1
INITX = 1
-
-
-
-
SPL = 0
SPL = 1
SPL = 0
SPL = 1
-
N
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state
Sub crystal
oscillator output
pin
Hi-Z/
Internal
input
fixed at
"0"/
or Input
enable
Hi-Z /
Internal
input fixed
at "0"
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state
Maintain
previous
state /When
oscillation
stop*
2,Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state /When
oscillation
stop*
2,Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state /When
oscillation
stop*
2,Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state /When
oscillation
stop*
2,Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state /When
oscillation
stop*
2,Hi-Z/
Internal
input fixed
at "0"
O
GPIO
selected
Hi-Z
Hi-Z /
Input
enabled
Hi-Z /
Input
enabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state
P
Mode
input pin
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Input
enabled
Maintain
previous
state
Hi-Z /
Input
enabled
Maintain
previous
state
*1 : Oscillation is stopped at sub timer mode, low-speed CR timer mode, RTC mode, stop mode, deep stand-by
RTC mode, and deep stand-by stop mode.
*2 : Oscillation is stopped at stop mode and deep stand-by stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com