Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111K Datasheet(PDF) 37 Page - SPANSION

Part # MB9AF111K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111K Datasheet(HTML) 37 Page - SPANSION

Back Button MB9AF111K Datasheet HTML 33Page - SPANSION MB9AF111K Datasheet HTML 34Page - SPANSION MB9AF111K Datasheet HTML 35Page - SPANSION MB9AF111K Datasheet HTML 36Page - SPANSION MB9AF111K Datasheet HTML 37Page - SPANSION MB9AF111K Datasheet HTML 38Page - SPANSION MB9AF111K Datasheet HTML 39Page - SPANSION MB9AF111K Datasheet HTML 40Page - SPANSION MB9AF111K Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
D a t a S h e e t
34
MB9A110K-DS706-00030-2v0-E, February 20, 2015
CONFIDENTIAL
 Block Diagram
Cortex-M3 Core
@40 MHz(Max)
MainFlash I/F
Clock Reset
Generator
Dual-Timer
Watchdog Timer
(Hardware)
DMAC
4ch.
Watch Counter
Unit 0
CSV
External Interrupt
Controller
6-pin + NMI
Power-On
Reset
SRAM0
8 Kbyte
SRAM1
8 Kbyte
I
D
Sys
MB9AF111K, F112K
NVIC
Watchdog Timer
(Software)
Unit 1
TRSTX,TCK,
TDI,TMS
AVCC,
AVSS,
AVRH
AN[07:00]
TIOAx
TIOBx
C
TDO
SCKx
SINx
SOTx
INTx
NMIX
P0x,
P1x,
.
.
.
PFx
INITX
MODE-Ctrl
IRQ-Monitor
MD[1:0]
Regulator
CRC
Accelerator
ADTG_2
MainFlash
64 Kbyte/
128 Kbyte
Multi-Function Serial I/F
4ch.
(with FIFO ch.0 - ch.1)
GPIO
PIN-Function-Ctrl
LVD
ROM
Table
SWJ-DP
LVD Ctrl
Base Timer
16-bit 8ch./
32-bit 4ch.
RTCCO,
SUBOUT
WKUP[3:0]
Deep Standby Ctrl
Real-Time Clock
Multi-Function Timer
16-bit Free-Run Timer
3ch.
16-bit Output Compare
6ch.
16-bit Input Capture
4ch.
A/D Activation Compare
3ch.
16-bit PPG
3ch.
DTTI0X
RTOx
FRCKx
QPRC
1ch.
AIN0
BIN0
ZIN0
IC0x
12-bit A/D Converter
Waveform Generator
3ch.
WorkFlash
32 Kbyte
WorkFlash I/F
Security
X0
X1
X0A
PLL
CLK
CR
100kHz
Source Clock
CROUT
Main
Osc
Sub
Osc
CR
4MHz
 Memory Size
See "Memory size" in "Product Lineup" to confirm the memory size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com