Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111K Datasheet(PDF) 6 Page - SPANSION

Part # MB9AF111K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111K Datasheet(HTML) 6 Page - SPANSION

Back Button MB9AF111K Datasheet HTML 2Page - SPANSION MB9AF111K Datasheet HTML 3Page - SPANSION MB9AF111K Datasheet HTML 4Page - SPANSION MB9AF111K Datasheet HTML 5Page - SPANSION MB9AF111K Datasheet HTML 6Page - SPANSION MB9AF111K Datasheet HTML 7Page - SPANSION MB9AF111K Datasheet HTML 8Page - SPANSION MB9AF111K Datasheet HTML 9Page - SPANSION MB9AF111K Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
D a t a S h e e t
February 20, 2015, MB9A110K-DS706-00030-2v0-E
3
CONFIDENTIAL
 Multi-function Serial Interface (Max 4channels)
 2 channels with 16-steps × 9-bits FIFO (ch.0, ch.1), 2 channels without FIFO (ch.3, ch.5)
 Operation mode is selectable from the followings for each channel.
(In ch.5, only UART and LIN are available.)
 UART
 CSIO
 LIN
 I
2C
[UART]
 Full-duplex double buffer
 Selection with or without parity supported
 Built-in dedicated baud rate generator
 External clock available as a serial clock
 Hardware Flow control : Automatically control the transmission by CTS/RTS (only ch.4)
 Various error detect functions available (parity errors, framing errors, and overrun errors)
[CSIO]
 Full-duplex double buffer
 Built-in dedicated baud rate generator
 Overrun error detect function available
[LIN]
 LIN protocol Rev.2.1 supported
 Full-duplex double buffer
 Master/Slave mode supported
 LIN break field generate (can be changed 13 to 16-bit length)
 LIN break delimiter generate (can be changed 1 to 4-bit length)
 Various error detect functions available (parity errors, framing errors, and overrun errors)
[I
2C]
Standard mode (Max 100kbps) / Fast-mode (Max 400kbps) supported
 DMA Controller (4channels)
DMA Controller has an independent bus for CPU, so CPU and DMA Controller can process simultaneously.
 8 independently configured and operated channels
 Transfer can be started by software or request from the built-in peripherals
 Transfer address area: 32-bit (4Gbyte)
 Transfer mode: Block transfer/Burst transfer/Demand transfer
 Transfer data type: byte/half-word/word
 Transfer block count: 1 to 16
 Number of transfers: 1 to 65536
 A/D Converter (Max 8channels)
[12-bit A/D Converter]
 Successive Approximation Register type
 Built-in 2unit
Conversion time: 1.0μs@5V
 Priority conversion available (priority at 2levels)
 Scanning conversion mode
 Built-in FIFO for conversion data storage
(for SCAN conversion: 16steps, for Priority conversion: 4steps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com