Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111K Datasheet(PDF) 47 Page - SPANSION

Part # MB9AF111K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111K Datasheet(HTML) 47 Page - SPANSION

Back Button MB9AF111K Datasheet HTML 43Page - SPANSION MB9AF111K Datasheet HTML 44Page - SPANSION MB9AF111K Datasheet HTML 45Page - SPANSION MB9AF111K Datasheet HTML 46Page - SPANSION MB9AF111K Datasheet HTML 47Page - SPANSION MB9AF111K Datasheet HTML 48Page - SPANSION MB9AF111K Datasheet HTML 49Page - SPANSION MB9AF111K Datasheet HTML 50Page - SPANSION MB9AF111K Datasheet HTML 51Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
D a t a S h e e t
44
MB9A110K-DS706-00030-2v0-E, February 20, 2015
CONFIDENTIAL
*7 :
See "List of Pin Functions" and "I/O Circuit Type" about +B input available pin.
Use within recommended operating conditions.
Use at DC voltage (current) the +B input.
The +B signal should always be applied a limiting resistance placed between the +B
signal and the device.
The value of the limiting resistance should be set so that when the +B signal is
applied the input current to the device pin does not exceed rated values, either
instantaneously or for prolonged periods.
Note that when the device drive current is low, such as in the low-power
consumpsion modes, the +B input potential may pass through the protective diode
and increase the potential at the VCC and AVCC pin, and this may affect other
devices.
Note that if a +B signal is input when the device power supply is off (not fixed at 0V),
the power supply is provided from the pins, so that incomplete operation may result.
The following is a recommended circuit example (I/O equivalent circuit).
<WARNING>
Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature,
etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
2.
Recommended Operating Conditions
R
+B input (0V to 16V)
Protection Diode
P-ch
VCC
VCC
Limiting
resistor
N-ch
AVCC
Analog input
Digital input
Digital output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com