Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111K Datasheet(PDF) 46 Page - SPANSION

Part # MB9AF111K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111K Datasheet(HTML) 46 Page - SPANSION

Back Button MB9AF111K Datasheet HTML 42Page - SPANSION MB9AF111K Datasheet HTML 43Page - SPANSION MB9AF111K Datasheet HTML 44Page - SPANSION MB9AF111K Datasheet HTML 45Page - SPANSION MB9AF111K Datasheet HTML 46Page - SPANSION MB9AF111K Datasheet HTML 47Page - SPANSION MB9AF111K Datasheet HTML 48Page - SPANSION MB9AF111K Datasheet HTML 49Page - SPANSION MB9AF111K Datasheet HTML 50Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
D a t a S h e e t
February 20, 2015, MB9A110K-DS706-00030-2v0-E
43
CONFIDENTIAL
 Electrical Characteristics
1.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage *
1, *2
Vcc
Vss - 0.5
Vss + 6.5
V
Analog power supply voltage *
1, *3
AVcc
Vss - 0.5
Vss + 6.5
V
Analog reference voltage *
1, *3
AVRH
Vss - 0.5
Vss + 6.5
V
Input voltage
VI
Vss - 0.5
Vcc + 0.5
(≤6.5V)
V
Vss - 0.5
Vss + 6.5
V
5V tolerant
Analog pin input voltage
VIA
Vss - 0.5
AVcc + 0.5
(≤6.5V)
V
Output voltage
VO
Vss - 0.5
Vcc + 0.5
(≤6.5V)
V
Clamp maximum current
ICLAMP
-2
+2
mA
*7
Clamp total maximum current
Σ[I
CLAMP]
+20
mA
*7
"L" level maximum output current *
4
IOL
-
10
mA
4mA type
20
mA
12mA type
39
mA
P80, P81
"L" level average output current *
5
IOLAV
-
4
mA
4mA type
12
mA
12mA type
18.5
mA
P80, P81
"L" level total maximum output current
∑I
OL
-
100
mA
"L" level total average output current *
6
∑I
OLAV
-
50
mA
"H" level maximum output current *
4
IOH
-
- 10
mA
4mA type
- 20
mA
12mA type
- 39
mA
P80, P81
"H" level average output current *
5
IOHAV
-
- 4
mA
4mA type
- 12
mA
12mA type
- 20.5
mA
P80, P81
"H" level total maximum output current
∑I
OH
-
- 100
mA
"H" level total average output current *
6
∑I
OHAV
-
- 50
mA
Power consumption
PD
-
300
mW
Storage temperature
TSTG
- 55
+ 150
°C
*1 : These parameters are based on the condition that VSS = AVSS = 0.0V.
*2 : Vcc must not drop below VSS - 0.5V.
*3 : Ensure that the voltage does not to exceed Vcc + 0.5 V, for example, when the power is turned on.
*4 : The maximum output current is the peak value for a single pin.
*5 : The average output is the average current for a single pin over a period of 100 ms.
*6 : The total average output current is the average current for all pins over a period of 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com