Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXA270 Datasheet(PDF) 5 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 5 Page - Intel Corporation

  PXA270 Datasheet HTML 1Page - Intel Corporation PXA270 Datasheet HTML 2Page - Intel Corporation PXA270 Datasheet HTML 3Page - Intel Corporation PXA270 Datasheet HTML 4Page - Intel Corporation PXA270 Datasheet HTML 5Page - Intel Corporation PXA270 Datasheet HTML 6Page - Intel Corporation PXA270 Datasheet HTML 7Page - Intel Corporation PXA270 Datasheet HTML 8Page - Intel Corporation PXA270 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 126 page
background image
Intel® PXA270 Processor
Contents
Electrical, Mechanical, and Thermal Specification
v
6-1132-Bit Non-burst ROM, SRAM, or Flash Read Timing .....................................6-20
6-1232-Bit Burst-of-Eight ROM or Flash Read Timing ............................................6-21
6-13Eight-Beat Burst Read from 16-Bit Burst-of-Four ROM or Flash Timing..........6-22
6-1416-bit ROM/Flash/SRAM Read for 4/2/1 Bytes Timing ....................................6-23
6-15Synchronous Flash Burst-of-Eight Read Timing ..............................................6-26
6-16Synchronous Flash Stacked Burst-of-Eight Read Timing ................................6-27
6-17First-Access Latency Configuration Timing......................................................6-28
6-18Synchronous Flash Burst Read Example.........................................................6-30
6-1932-Bit Flash Write Timing .................................................................................6-31
6-2032-Bit Stacked Flash Write Timing ...................................................................6-32
6-2116-Bit Flash Write Timing .................................................................................6-33
6-2232-Bit SRAM Write Timing ...............................................................................6-35
6-2316-bit SRAM Write for 4/2/1 Byte(s) Timing .....................................................6-36
6-2432-Bit VLIO Read Timing .................................................................................6-38
6-2532-Bit VLIO Write Timing..................................................................................6-39
6-26Expansion-Card Memory or I/O 16-Bit Access Timing.....................................6-41
6-27Expansion-Card Memory or I/O 16-Bit Access to 8-Bit Device Timing ............6-42
6-28LCD Timing Definitions.....................................................................................6-43
6-29SSP Master Mode Timing Definitions...............................................................6-44
6-30SSP Slave Mode Transmitting Data to an External Peripheral ........................6-44
6-31SSP Slave Mode Receiving Data from External Peripheral .............................6-45
6-32JTAG Boundary-Scan Timing...........................................................................6-46
Tables
1-1 Supplemental Documentation ............................................................................1-2
3-1 Processor Material Properties ............................................................................3-7
4-1 Pin Usage Summary ........................................................................................4-10
4-2 Pin Usage and Mapping Notes.........................................................................4-27
4-3 Signal Types.....................................................................................................4-28
4-4 Memory Controller Pin Reset Values ...............................................................4-28
4-5 Discrete (13x13 VF-BGA) Power Supply Pin Summary...................................4-29
5-1 Absolute Maximum Ratings................................................................................5-1
5-2 Voltage, Temperature, and Frequency Electrical Specifications........................5-2
5-3 Memory Voltage and Frequency Electrical Specifications .................................5-4
5-4 Core Voltage and Frequency Electrical Specifications.......................................5-4
5-5 Internally Generated Power Domain Descriptions .............................................5-6
5-6 Core Voltage Specifications For Lower Power Modes .......................................5-6
5-7 Power-Consumption Specifications....................................................................5-7
5-8 Standard Input, Output, and I/O Pin DC Operating Conditions ..........................5-8
5-9 Typical 32.768-kHz Crystal Requirements .........................................................5-9
5-10 Typical External 32.768-kHz Oscillator Requirements ....................................5-11
5-11Typical 13.000-MHz Crystal Requirements......................................................5-11
5-12Typical External 13.000-MHz Oscillator Requirements....................................5-12
5-13CLK_PIO Specifications ...................................................................................5-12
5-14CLK_TOUT Specifications ...............................................................................5-12
5-1548 MHz Output Specifications ..........................................................................5-13
6-1 Standard Input, Output, and I/O-Pin AC Operating Conditions ..........................6-1
6-2 Power-On Timing Specifications (OSCC[CRI] = 0) ............................................6-3
6-3 Hardware Reset Timing Specifications (OSCC[CRI] = 0) ..................................6-4
6-4 Hardware Reset Timing Specifications (OSCC[CRI] = 1) .................................6-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com