| Electronic Components Datasheet Search |
|
PXA270 Datasheet(PDF) 67 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PXA270 Datasheet(HTML) 67 Page - Intel Corporation |
|
67 / 126 page ![]() Electrical, Mechanical, and Thermal Specification 6-3 Intel® PXA270 Processor AC Timing Specifications 5. The processor asserts the PWR_EN signal to enable the power supplies VCC_CORE, VCC_SRAM, and VCC_PLL. These supplies can turn on in any order but must all be established within 125 milliseconds of the assertion of PWR_EN. 6. The external power-control subsystem de-asserts nVDD_FAULT to signal that all system power supplies have been properly established. 7. The processor de-asserts nRESET_OUT and enters run mode, executing code from the reset vector. Note: nBATT_FAULT must be high before nRESET is de-asserted. Otherwise, the processor will not begin the power-on sequencing event. nVDD_FAULT is sampled only when the SYS_DEL and PWR_DEL timers have expired. Refer to the Intel® PXA27x Processor Family Developer’s Manual, “Initial Power On” and “Deep-Sleep Exit States” for a state diagram. Figure 6-2. Power On Reset Timing Table 6-2. Power-On Timing Specifications (Sheet 1 of 2)(OSCC[CRI] = 0) Symbol Description Min Typical Max Units t1 Delay from VCC_BATT assertion to nRESET de-assertion 10 — — ms t2 Delay from nRESET de-assertion to SYS_EN assertion — 101 — ms t3 Delay from SYS_EN assertion to PWR_EN assertion — 125 — ms t4 Power supply stabilization time (time to the deassertion of nVDD_FAULT after the assertion of PWR_EN) — — 120 ms t5 Delay from the assertion of PWR_EN to the de-assertion of nRESET_OUT — 125 — ms tbramp VCC_BATT power-on Ramp Rate — 10 12 mV/uS VCC_USB, VCC_IO, VCC_MEM, VCC_BB, VCC_LCD, VCC_USIM VCC_CORE, VCC_SRAM, VCC_PLL nBATT_FAULT nRESET SYS_EN PWR_EN nVDD_FAULT VCC_BATT nRESET_OUT t1 t3 t5 t2 t4 tsysramp tbramp tpwrramp |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |