Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXA270 Datasheet(PDF) 53 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 53 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 49Page - Intel Corporation PXA270 Datasheet HTML 50Page - Intel Corporation PXA270 Datasheet HTML 51Page - Intel Corporation PXA270 Datasheet HTML 52Page - Intel Corporation PXA270 Datasheet HTML 53Page - Intel Corporation PXA270 Datasheet HTML 54Page - Intel Corporation PXA270 Datasheet HTML 55Page - Intel Corporation PXA270 Datasheet HTML 56Page - Intel Corporation PXA270 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
5-3
Intel® PXA270 Processor
Electrical Specifications
Table 5-3 shows the supported memory frequency and memory supply voltage operating ranges for
the PXA270 processor.
VVCC3b
Voltage applied on VCC_LCD @2.5V
(+10 / -10%)
2.25
2.50
2.75
V
VVCC3c
Voltage applied on VCC_LCD @3.0V
(+10 / -10%)
2.70
3.0
3.30
V
VVCC3d
Voltage applied on VCC_LCD @3.3V
(+10 / -10%)
2.97
3.3
3.63
V
Tsysramp
Ramp Rate
—
10
12
mV/uS
VCC_IO Voltages
VVCC4a
Voltage applied on VCC_IO @3.0V
(+10 / -10.3%)
2.69175
3.0
3.30
V
VVCC4b
Voltage applied on VCC_IO @3.3V
(+10 / -10%)
2.97
3.3
3.63
V
Tsysramp
Ramp Rate
—
10
12
mV/uS
NOTE: VCC_IO must be maintained at a voltage as high as or higher than, all other supplies except for
VCC_BATT and VCC_USB
VCC_USIM Voltages
VVCC5a
Voltage applied on VCC_USIM @1.8V
(+20 / -5%)
1.71
1.80
2.16
V
VVCC5b
Voltage applied on VCC_USIM @3.0V
(+10 / -10%)
2.70
3.0
3.30
V
Tsysramp
Ramp Rate
—
10
12
mV/uS
NOTE: If the system does NOT use the USIM module, VCC_USIM can be tied to VCC_IO (at any supported
VCC_IO voltage level). This allows the GPIO’s on VCC_USIM to be used at the same voltage level as
VCC_IO GPIO’s.
NOTE: Software must NOT configure USIM signals to be used if this is done.
VCC_SRAM Voltage
VVCC6
Voltage applied on VCC_SRAM @1.1V
(+10 / -10%)
0.99
1.10
1.21
V
Tpwrramp
Ramp Rate
—
10
12
mV/uS
VCC_USB Voltage
VVCC7a
Voltage applied on VCC_USB @3.0V
(+10 / -10%)
2.70
3.00
3.30
V
VVCC7b
Voltage applied on VCC_USB @3.3V
(+10 / -10%)
2.97
3.30
3.63
V
Tsysramp
Ramp Rate
—
10
12
mV/uS
† System design must ensure that the device case temperature is maintained within the specified limits. In
some system applications it may be necessary to use external thermal management (for example, a
package-mounted heat spreader) or configure the device to limit power consumption and maintain
acceptable case temperatures.
Table 5-2. Voltage, Temperature, and Frequency Electrical Specifications (Sheet 2 of 2)
Symbol
Description
Min
Typical
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com