Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXA270 Datasheet(PDF) 65 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 65 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 61Page - Intel Corporation PXA270 Datasheet HTML 62Page - Intel Corporation PXA270 Datasheet HTML 63Page - Intel Corporation PXA270 Datasheet HTML 64Page - Intel Corporation PXA270 Datasheet HTML 65Page - Intel Corporation PXA270 Datasheet HTML 66Page - Intel Corporation PXA270 Datasheet HTML 67Page - Intel Corporation PXA270 Datasheet HTML 68Page - Intel Corporation PXA270 Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
6-1
AC Timing Specifications
6
A pin’s alternating-current (AC) characteristics include input and output capacitance. These factors
determine the loading for external drivers and other load analyses. The AC characteristics also
include a derating factor, which indicates how much the AC timings might vary with different
loads.
Note: The timing diagrams in this chapter show bursts that start at 0 and proceed to 3 or 7. However, the
least significant address (0) is not always received first during a burst transfer, because the Intel®
PXA270 processor requests the critical word first during burst accesses.
Table 6-1 shows the AC operating conditions for the high- and low-strength input, output, and I/O
pins. All AC specification values are valid for the device’s entire temperature range.
6.1
AC Test Load Specifications
Figure 6-1 represents the timing reference load used in defining the relevant timing parameters of
the part. It is not intended to be either a precise representation of the typical system environment
nor a depiction of the actual load presented by a production tester. System designers use IBIS or
other simulation tools to correlate the timing reference load to system environment. Manufacturers
correlate to their production test conditions (generally a coaxial transmission line terminated at the
tester electronics).
Table 6-1. Standard Input, Output, and I/O-Pin AC Operating Conditions
Symbol
Description
Min
Typical
Max
Units
CIN
Input capacitance, all standard input and
I/O pins
—
—
10
pf
COUT_H
Output capacitance, all standard high-
strength output and I/O pins
20
—
50
pf
tdF_H
Output derating, falling edge on all
standard, high-strength output and I/O
pins, from 50-pf load.
—
TBD
—
ns/pf
tdR_H
Output derating, rising edge on all
standard, high-strength output and I/O
pins, from 50-pf load.
—
TBD
—
ns/pf
COUT_L
Output capacitance, all standard low-
strength output and I/O pins
20
—
50
pf
tdF_L
Output derating, falling edge on all
standard, low-strength output and I/O
pins, from 50-pf load.
—
TBD
—
ns/pf
tdR_L
Output derating, rising edge on all
standard, low-strength output and I/O
pins, from 50-pf load.
—
TBD
—
ns/pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com