Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXA270 Datasheet(PDF) 76 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 76 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 72Page - Intel Corporation PXA270 Datasheet HTML 73Page - Intel Corporation PXA270 Datasheet HTML 74Page - Intel Corporation PXA270 Datasheet HTML 75Page - Intel Corporation PXA270 Datasheet HTML 76Page - Intel Corporation PXA270 Datasheet HTML 77Page - Intel Corporation PXA270 Datasheet HTML 78Page - Intel Corporation PXA270 Datasheet HTML 79Page - Intel Corporation PXA270 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 126 page
background image
6-12
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
AC Timing Specifications
6.4
Memory and Expansion-Card Timing Specifications
Interfaces with the following memories must observe the AC timing requirements given in the
following subsections:
• Section 6.4.1, “Internal SRAM Read/Write Timing Specifications”
• Section 6.4.2, “SDRAM Parameters and Timing Diagrams”
• Section 6.4.3, “ROM Parameters and Timing Diagrams”
• Section 6.4.4, “Flash Memory Parameters and Timing Diagrams”
• Section 6.4.5, “SRAM Parameters and Timing Diagrams”
• Section 6.4.6, “Variable-Latency I/O Parameters and Timing Diagrams”
• Section 6.4.7, “Expansion-Card Interface Parameters and Timing Diagrams”
Note: The diagrams in this section use the following conventions:
• Input signals to the processor are represented using dashed waveforms.
• Outputs and bidirectional signals are represented using solid waveforms.
• Fixed parameters are shown using double arrows in grey (black and white print) or green
(color print).
• Programmable parameters are shown using bold single arrows.
• The processor register that is used to change a specific timing is given in the corresponding
timing table.
6.4.1
Internal SRAM Read/Write Timing Specifications
6.4.2
SDRAM Parameters and Timing Diagrams
Table 6-15 shows the timing parameters used in Figure 6-7. Also see Section 6.4.3 and Figure 6-11
for additional SDRAM bus tenure information. See Figure 6-10 for SDRAM fly-by bus tenures.
Table 6-14. SRAM Read/Write AC Specification
Symbols
Parameters
MIN
TYP
MAX
Units
tsramRD
4-beat read transfer
—
9
—
system bus
clocks
tsramWR
4-beat write transfer
—
7
—
system bus
clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com