Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 36Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 37Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 38Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 39Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 40Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 41Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 42Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 43Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
2003 Oct 30
40
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
Table 64 Description of register bits
Table 65 Clock value for an asynchronous card
BIT
SYMBOL
DESCRIPTION
7 and 6
−
Not used.
5
SHL
Select HIGH Level. This bit determines how the clock is stopped when bit CST = 1. If
SHL = 0, then the clock is stopped at LOW level, if SHL = 1 at HIGH level.
4
CST
Clock Stop. In case of an asynchronous card, bit CST defines whether the clock to the
card is stopped or not. If CST = 1, then the clock is stopped. If CST = 0, then the clock is
determined by bits AC[2:0] according to Table 65. All frequency changes are
synchronous, ensuring that no spike or unwanted pulse width occurs during changes
3SC
Synchronous Clock. In the event of a synchronous card, then pin CLK is the copy of the
value of bit SC. In reception mode, the data from the card is available to bit UR0 after a
read operation of register URR. In transmission mode, the data is written on the I/O line
of the card when register UTR has been written to.
2 to 0
AC[2:0]
Asynchronous card clock. When CST = 0, the clock is determined by the state of these
bits according to Table 65.
fint is the frequency delivered by the internal oscillator clock circuitry.
For switching from 1/nfXTAL to 1/2fint and reverse, only the bit AC2 must be changed (AC1
and AC0 must remain the same). For switching from 1/nfXTAL or 1/2fint to stopped clock
and reverse, only bits CST and SHL must be changed.
When switching from 1/nfXTAL to 1/2fint and reverse, a delay can occur between the
command and the effective frequency change on pin CLK. The fastest switch is from
1/2fXTAL to 1/2fint and reverse, the best regarding duty cycle is from 1/8fXTAL to 1/2fint and
reverse. The bit CLKSW in register MSR tells the effective switch moment.
In case of fCLK =fXTAL, the duty cycle must be ensured by the incoming clock signal on
pin XTAL1.
AC2
AC1
AC0
CLOCK
00
0
fXTAL
00
1
1/2fXTAL
01
0
1/4fXTAL
01
1
1/8fXTAL
10
0
1/2fint
10
1
1/2fint
11
0
1/2fint
11
1
1/2fint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com