Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 27Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 28Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 29Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 30Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 31Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 32Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 33Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 34Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
2003 Oct 30
31
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.10.2
ISO UART REGISTERS
8.10.2.1
UART Transmit Register (UTR)
Table 44 UART transmit register, address Dh, write
Table 45 Description of register bits
75
Counter 1 is an 8-bit auto-reload counter, and counters 3 and 2 form a 16-bit counter. After 75h is written
in register TOC, counter 1 starts counting the content of register TOR1 on the first start-bit (reception or
transmission) detected on pin I/O. When counter 1 reaches its terminal count, an interrupt is given, bit
TO1 in register USR is set and the counter automatically restarts the same count until it is stopped.
Changing the content of register TOR1 during a count is not allowed. Counting the value stored in
registers TOR3 and TOR2 is started on the first start-bit detected on pin I/O (reception or transmission)
after 75h is written, and then on each subsequent start-bit. It is possible to change the content of
registers TOR3 and TOR2 during a count, the current count will not be affected and the new count value
will be taken into account at the next start-bit. The counter is stopped by writing 00h in register TOC. In
this configuration, registers TOR3, TOR2 and TOR1 must not be all zero.
7C
Counters 3, 2 and 1 are wired as a single 24-bit counter. Counting the value stored in registers TOR3,
TOR2 and TOR1 is started on the first start-bit detected on pin I/O (reception or transmission) after the
value has been written, and then on each subsequent start-bit. It is possible to change the content of
registers TOR3, TOR2 and TOR1 during a count. The current count will not be affected and the new
count value will be taken into account at the next start-bit. The counter is stopped by writing 00h in
register TOC. In this configuration, registers TOR3, TOR2 and TOR1 must not be all zero.
85
Same as value 05h, except that all the counters will be stopped at the end of the 12th ETU following the
first received start-bit detected after 85h has been written in register TOC.
E5
Same configuration as value 65h, except that counter 1 will be stopped at the end of the 12th ETU
following the first start-bit detected after E5h has been written in register TOC.
F1
Same configuration as value 71h, except that the 16-bit counter will be stopped at the end of the 12th
ETU following the first start-bit detected after F1h has been written in register TOC.
F5
Same configuration as value 75h, except the two counters will be stopped at the end of the 12th ETU
following the first start-bit detected after F5h has been written in register TOC.
BIT
7
6
543210
Symbol
UT7
UT6
UT5
UT4
UT3
UT2
UT1
UT0
Reset value
0
0
0
00000
BIT
SYMBOL
DESCRIPTION
7 to 0
UT[7:0]
UART transmit bits. When the microcontroller wants to transmit a character to the card,
it writes the data in direct convention in this register. The transmission:
• Starts at the end of writing (on the rising edge of signal WR) if the previous character
has been transmitted and if the extra guard time has expired
• Starts at the end of the extra guard time if this one has not expired
• Does not start if the transmission of the previous character is not completed
• With a synchronous card (bit SAN within register UCR2 is set), only UT0 is relevant and
is copied on pin I/O of the card.
TOC [7:0]
(HEX)
OPERATING MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com