Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 30Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 31Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 32Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 33Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 34Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 35Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 36Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 37Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
2003 Oct 30
34
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.10.2.4
FIFO Control Register (FCR)
Table 50 FIFO control register, address Ch, write
Table 51 Description of register bits
0
TBE/RBF
Transmit Buffer Empty/Receive Buffer Full. This bit is set when:
• Changing from reception mode to transmission mode
• A character has been transmitted by the UART (except when a character has been
parity error free transmitted whilst LCT = 1)
• The reception buffer is full.
This bit is reset:
• After power-on
• When bit RIU in register CSR is reset
• When a character has been written in register UTR
• When the character has been read from register URR
• When changing from transmission mode to reception mode.
BIT
7
6
543210
Symbol
−
PEC2
PEC1
PEC0
−
FL2
FL1
FL0
Reset value
−
000
−
000
BIT
SYMBOL
DESCRIPTION
7
−
Not used.
6 to 4
PEC[2:0]
Parity Error Counter. These bits determine the number of parity errors before setting bit
PE in register USR and pulling INT0_N LOW. PEC[2:0] = 000 means that if only one
parity error has occurred, bit PE is set; PEC[2:0] = 111 means that bit PE will be set
after 8 parity errors.
In protocol T = 0:
• If a correct character is received before the programmed error number is reached, the
error counter will be reset
• If the programmed number of allowed parity errors is reached, bit PE in register USR
will be set as long as the USR has not been read
• If a transmitted character is NAKed by the card, then the TDA8029 will automatically
retransmit it a number of times equal to the value programmed in PEC[2:0]. The
character will be resent at 15 ETU.
• In transmission mode, if PEC[2:0] = 000, then the automatic retransmission is
invalidated. The character manually rewritten in register UTR will start at 13.5 ETU.
In protocol T = 1:
• The error counter has no action (bit PE is set at the first wrong received character).
3
−
Not used.
2 to 0
FL[2:0]
FIFO Length. These bits determine the depth of the FIFO: FL[2:0] = 000 means length
1, FL[2:0] = 111 means length 8.
BIT
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com