Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 21Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 22Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 23Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 24Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 25Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 26Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 27Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 28Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
2003 Oct 30
25
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.6
Expanded data RAM addressing
The TDA8029 has internal data memory that is mapped
into four separate segments.
The four segments, shown in Fig.9, are:
1. The lower 128 bytes of RAM (addresses 00h to 7Fh),
which are directly and indirectly addressable.
2. The upper 128 bytes of RAM (addresses 80h to FFh),
which are indirectly addressable only.
3. The Special Function Registers, SFRs, (addresses
80h to FFh), which are directly addressable only.
4. The 512 bytes expanded RAM (XRAM 00h to 1FFh)
are indirectly accessed by move external instructions,
MOVX, if the EXTRAM bit (bit 1 of register AUXR) is
cleared.
The lower 128 bytes can be accessed by either direct or
indirect addressing. The upper 128 bytes can be accessed
by indirect addressing only. The upper 128 bytes occupy
the same address space as the SFRs. That means they
have the same address, but are physically separate from
SFR space.
When an instruction accesses an internal location above
address 7Fh, the CPU knows whether the access is to the
upper 128 bytes of data RAM or to the SFR space by the
addressing mode used in the instruction. Instructions that
use direct addressing access SFR space. For example:
MOV A0h, #data accesses the SFR at location 0A0h
(which is register P2).
Instructions that use indirect addressing access the upper
128 bytes of data RAM. For example: MOV @R0, #data
where R0 contains 0A0h, accesses the data byte at
address 0A0h, rather than P2 (whose address is 0A0h).
The XRAM can be accessed by indirect addressing, with
EXTRAM bit (register AUXR bit 1) cleared and MOVX
instructions. This part of memory is physically located
on-chip, logically occupies the first 512 bytes of external
data memory.
When EXTRAM = 0, the XRAM is indirectly addressed,
using the MOVX instruction in combination with any of the
registers R0, R1 of the selected bank or DPTR. An access
to XRAM will not affect ports P0, P3.6 (WR) and P3.7 (RD).
P2 is output during external addressing. For example:
MOVX @R0, A where R0 contains 0A0h, access the
EXTRAM at address 0A0h rather than external memory.
An access to external data memory locations higher than
1FFh (i.e., 0200h to FFFFh) will be performed with the
MOVX DPTR instructions in the same way as in the
standard 80C51, so with P0 and P2 as data/address bus,
and P3.6 and P3.7 as write and read timing signals.
When EXTRAM = 1, MOVX @Ri and MOVX @DPTR will
be similar to the standard 80C51. MOVX @Ri will provide
an 8-bit address multiplexed with data on port 0 and any
output port pins can be used to output higher order
address bits. This is to provide the external paging
capability. MOVX @DPTR will generate a 16-bit address.
Port 2 outputs the high order eight address bits (the
contents of DPH) while port 0 multiplexes the low-order
eight address bits (DPL) with data. MOVX @Ri and
MOVX @DPTR will generate either read or write signals
on P3.6 (WR) and P3.7 (RD).
The stack pointer (SP) may be located anywhere in the
256 bytes RAM (lower and upper RAM) internal data
memory. The stack must not be located in the XRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com