Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 9Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 10Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 11Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 12Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 13Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Notes
1. Register is bit addressable.
2. Register is modified from or added to the 80C51 SFRs.
3. Reset value depends on reset source.
4. Bit will not be affected by reset.
SBUF
serial data buffer 99
−
XXXX XXXX
SCON(1)
serial control
98
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
0000 0000
9F
9E
9D
9C
9B
9A
99
98
SP
stack pointer
81
−
0000 0111
TCON(1)
timer control
88
TF1
TR1
TF0
TE0
IE1
IT1
IE0
IT0
0000 0000
8F
8E
8D
8C
8B
8A
89
88
T2CON(1)
timer 2 control
C8
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
0000 0000
CF
CE
CD
CC
CB
CA
C9
C8
T2MOD(2)
timer 2 mode
control
C9
−−−−−−
T2OE
DCEN
XXXX XX00
TH0
timer high 0
8C
−
0000 0000
TH1
timer high 1
8D
−
0000 0000
TH2(2)
timer high 2
CD
−
0000 0000
TL0
timer low 0
8A
−
0000 0000
TL1
timer low 1
8B
−
0000 0000
TL2(2)
timer low 2
CC
−
0000 0000
TMOD
timer mode
89
GATE
C/TM1
M0
GATE
C/T
M1
M0
0000 0000
SYMBOL
DESCRIPTION
ADDR
(HEX)
BIT ADDRESS, SYMBOL OR ALTERNATIVE PORT FUNCTION
RESET
VALUE
(BINARY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com