Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 10Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 11Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 12Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 13Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 14Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 15Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 16Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 17Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
2003 Oct 30
14
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.2.2
TIMER/COUNTER 2MODE CONTROL REGISTER (T2MOD)
Table 7
Timer/counter 2 mode control register bits
Table 8
Description of register bits
Note
1. Do not write logic 1s to reserved bits. These bits may be used in future 80C51 family products to invoke new features.
In that case, the reset or inactive value of the new bit will be logic 0, and its active value will be logic 1. The value
read from a reserved bit is indeterminate.
BIT
7
6
543210
Symbol
−
−
−−−−
T2OE
DCEN
BIT
SYMBOL
DESCRIPTION
7to2
−
Not implemented. Reserved for future use; note 1.
1
T2OE
Timer 2 Output Enable.
0
DCEN
Down Counter Enable. When set, allows timer 2 to be configured as up-/down-counter.
8.2.3
AUTO-RELOAD MODE (UP- OR DOWN-COUNTER)
In the 16-bit auto-reload mode, timer 2 can be configured
as either a timer or counter (bit C/T2 in register T2CON)
and programmed to count up or down. The counting
direction is determined by bit DCEN (down-counter
enable) which is located in the T2MOD register. When
reset, DCEN = 0 and timer 2 will default to counting up. If
DCEN = 1, timer 2 can count up or down depending on the
value of T2EX.
When DCEN = 0, timer 2 will count up automatically.
In this mode there are two options selected by bit EXEN2
in register T2CON. If EXEN2 = 0, then timer 2 counts up to
0FFFFh and sets the TF2 overflow flag upon overflow.
This causes the timer 2 registers to be reloaded with the
16-bit value in RCAP2L and RCAP2H. The values in
RCAP2L and RCAP2H are preset by software. If
EXEN2 = 1, then a 16-bit reload can be triggered either by
an overflow or by a HIGH to LOW transition at controller
input T2EX. This transition also sets the EXF2 bit. The
timer 2 interrupt, if enabled, can be generated when either
TF2 or EXF2 are logic 1. See Fig.3 for an overview.
DCEN = 1 enables timer 2 to count up- or down. This
mode allows T2EX to control the direction of count. When
a HIGH level is applied at T2EX timer 2 will count up.
Timer 2 will overflow at 0FFFFh and set the TF2 flag,
which can then generate an interrupt, if the interrupt is
enabled. This timer overflow also causes the 16-bit value
in RCAP2L and RCAP2H to be reloaded into the timer
registers TL2 and TH2. When a LOW level is applied at
T2EX this causes timer 2 to count down. The timer will
underflow when TL2 and TH2 become equal to the value
stored in RCAP2L and RCAP2H. Timer 2 underflow sets
the TF2 overflow flag and causes 0FFFFh to be reloaded
into the timer registers TL2 and TH2. See Fig.4 for an
overview.
The external flag EXF2 toggles when timer 2 underflows or
overflows. This EXF2 bit can be used as a 17th bit of
resolution if needed. The EXF2 flag does not generate an
interrupt in this mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com