Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 15Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 16Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 17Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 18Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 19Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 20Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 21Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 22Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
2003 Oct 30
19
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
Table 13 Description of register bits
Table 14 Enhanced UART modes
BIT
SYMBOL
DESCRIPTION
7
SM0/FE
The function of this bit is determined by SMOD0, bit 6 of register PCON. If SMOD0 is set
then this bit functions as FE. This bit functions as SM0 when SMOD0 is reset. When
used as FE, this bit can only be cleared by software.
SM0: Serial port mode bit 0. See Table 14.
FE: Framing Error bit. This bit is set by the receiver when an invalid stop bit is
detected; see Fig.6. The FE bit is not cleared by valid frames but should be cleared by
software. The SMOD0 bit in register PCON must be set to enable access to FE.
6
SM1
Serial port mode bit 1. See Table 14.
5
SM2
Serial port mode bit 2. Enables the automatic address recognition feature in modes
2 or 3. If SM2 = 1, bit Rl will not be set unless the received 9th data bit (RB8) is logic 1;
indicating an address and the received byte is a given or broadcast address. In mode 1,
if SM2 = 1 then Rl will not be activated unless a valid stop bit was received, and the
received byte is a given or broadcast address. In mode 0, SM2 should be logic 0.
4
REN
Enables serial reception. Set by software to enable reception. Cleared by software to
disable reception.
3
TB8
The 9th data bit transmitted in modes 2 and 3. Set or cleared by software as desired.
In mode 0, TB8 is not used.
2
RB8
The 9th data bit received in modes 2 and 3. In mode 1, if SM2 = 0, RB8 is the stop bit
that was received. In mode 0, RB8 is not used.
1Tl
Transmit interrupt flag. Set by hardware at the end of the 8th bit time in mode 0, or at
the beginning of the stop bit in the other modes, in any serial transmission. Must be
cleared by software.
0Rl
Receive interrupt flag. Set by hardware at the end of the 8th bit time in mode 0, or
halfway through the stop bit time in the other modes, in any serial reception (except if
SM2 = 1, as described for SM2). Must be cleared by software.
SM0
SM1
MODE
DESCRIPTION
BAUD RATE
0
0
0
shift register
1/12fXTAL1
0
1
1
8-bit UART
variable
1
0
2
9-bit UART
1/32 or 1/64fXTAL1
1
1
3
9-bit UART
variable
8.3.2
AUTOMATIC ADDRESS RECOGNITION
Automatic address recognition is a feature which allows
the UART to recognize certain addresses in the serial bit
stream by using hardware to make the comparisons. This
feature saves a great deal of software overhead by
eliminating the need for the software to examine every
serial address which passes by the serial port. This feature
is enabled by setting the SM2 bit in register SCON. In the
9-bit UART modes (modes 2 and 3), the Receive Interrupt
flag (RI) will be automatically set when the received byte
contains either the ‘given’ address or the ‘broadcast’
address. The 9-bit mode requires that the 9th information
bit is a logic 1 to indicate that the received information is an
address and not data. Figure 7 gives a summary.
The 8-bit mode is called mode 1. In this mode the RI flag
will be set if SM2 is enabled and the information received
has a valid stop bit following the 8 address bits and the
information is either a given or a broadcast address.
Mode 0 is the Shift Register mode and SM2 is ignored.
Using the automatic address recognition feature allows a
master to selectively communicate with one or more
slaves by invoking the given slave address or addresses.
All of the slaves may be contacted by using the broadcast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com