Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 25Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 26Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 27Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 28Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 29Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 30Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 31Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 32Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
2003 Oct 30
29
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.10.1.3
Time-Out Registers (TOR1, TOR2 and TOR3)
Table 36 Time-out register 1, address 9h, write
Table 37 Description of register bits
Table 38 Time-out register 2, address Ah, write
Table 39 Description of register bits
Table 40 Time-out register 3, address Bh, write
Table 41 Description of register bits
5
PRTL1
Protection 1. PRTL1 = 1 when a fault has been detected on the card reader. PRTL1 is
the OR of the protection on VCC and on RST.
4
SUPL
Supervisor Latch. SUPL = 1 when the supervisor has been active. At power-on, or after
a supply voltage dropout, then SUPL is set, and INT0_N is LOW. INT0_N will return to
HIGH at the end of the internal Power-on reset pulse defined by CDEL, except if
pin SDWN_N was active during power-on. SUPL will be reset only after a status register
read-out outside the Power-on reset pulse (see Fig.11). When leaving shut-down mode,
the same situation occurs.
3
−
Not used.
2
PRL1
Presence Latch. PRL1 = 1 when bit PR1 in the mixed status register has changed state.
1
−
Not used.
0
PTL
Overheat. PTL = 1 if an overheating has occurred.
BIT
7
6
543210
Symbol
TOL7
TOL6
TOL5
TOL4
TOL3
TOL2
TOL1
TOL0
Reset value
0
0
0
00000
BIT
SYMBOL
DESCRIPTION
7 to 0
TOL[7:0]
The 8-bit value for the auto-reload counter or the lower 8-bits of the 24-bits counter.
BIT
7
6
543210
Symbol
TOL15
TOL14
TOL13
TOL12
TOL11
TOL10
TOL9
TOL8
Reset value
0
0
0
00000
BIT
SYMBOL
DESCRIPTION
7 to 0
TOL[15:8]
The lower 8-bits of the 16-bits counter or the middle 8-bits of the 24-bits counter.
BIT
7
6
543210
Symbol
TOL23
TOL22
TOL21
TOL20
TOL19
TOL18
TOL17
TOL16
Reset value
0
0
0
00000
BIT
SYMBOL
DESCRIPTION
7 to 0
TOL[23:16]
The upper 8-bits of the 16-bits counter or the upper 8-bits of the 24-bits counter.
BIT
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com