Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 39Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 40Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 41Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 42Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 43Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 44Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 45Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 46Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
2003 Oct 30
43
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.11
Supply
The circuit operates within a supply voltage range of
2.7 to 6 V. The supply pins are VDD, DCIN, GND and
PGND. Pins DCIN and PGND supply the analog drivers to
the cards and have to be externally decoupled because of
the large current spikes the card and the step-up converter
can create. VDD and GND supply the rest of the chip.
An integrated spike killer ensures the contacts to the card
to remain inactive during power-up or -down. An internal
voltage reference is generated which is used within the
step-up converter, the voltage supervisor, and the VCC
generators.
VDCIN may be higher than VDD.
The voltage supervisor generates an alarm pulse, whose
length is defined by an external capacitor connected to the
CDEL pin, when VDD is too low to ensure proper operation
(1 ms per 2 nF typical). This pulse is used as a Power-on
reset pulse, and also to block either any spurious signals
on card contacts during controllers reset or to force an
automatic deactivation of the contacts in the event of
supply drop-out (see Sections 8.16 and 8.17).
After power-on or after a voltage drop, the bit SUPL is set
within the Hardware Status Register (HSR) and remains
set until HSR is read when the alarm pulse is inactive.
As long as the Power-on reset is active, INT0_N is LOW.
The same occurs when leaving shut-down mode or when
the RESET pin has been set active.
handbook, full pagewidthVth1
VDD
Vth2
CDEL
RSTOUT
SUPL
INT
Supply dropout
Power-off
Reset by CDEL
Power-on
Status read
MDB815
tw
Fig.11 Voltage supervisor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com